Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 18Page - Semtech Corporation SC471 Datasheet HTML 19Page - Semtech Corporation SC471 Datasheet HTML 20Page - Semtech Corporation SC471 Datasheet HTML 21Page - Semtech Corporation SC471 Datasheet HTML 22Page - Semtech Corporation SC471 Datasheet HTML 23Page - Semtech Corporation SC471 Datasheet HTML 24Page - Semtech Corporation SC471 Datasheet HTML 25Page - Semtech Corporation SC471 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Typical Characteristics
TON vs. VBAT - VOUT > 2.5V
TON vs. VBAT - VOUT < 1.8V
Efficiency vs. Load - VOUT = 1.15V
Frequency vs. BAT
Line Regulation
Load Regulation
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
510
15
20
VBAT (V)
2.5V
3.3V
5V
100
200
300
400
500
600
700
800
900
1000
510
15
20
VBAT (V)
0.75V
1.1V
1.5V
1.8V
300
310
320
330
340
350
360
370
380
390
400
5
7
9
11
13
15
17
19
21
23
VBAT (V)
0.75V
0.9V
1.0V
1.1V
1.25V
1.5V
1.8V
75%
80%
85%
90%
95%
0
2
4
6
8
10
1214
161820
Load (A)
10V
15V
19V
1.07
1.08
1.09
1.10
1.11
1.12
1.13
0
2
4
6
8
1012
1416
1820
Load (A)
10V
19V
15V
1.07
1.08
1.09
1.10
1.11
1.12
1.13
10
12
14
16
18
VBAT (V)
No Load
10A
3A
15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com