Electronic Components Datasheet Search
  English  ▼

X  

ATA5423-PLSW Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 83Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 84Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 85Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 86Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 87Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 88Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 89Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 90Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
87
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
14. Electrical Characteristics: 2 Li Battery Application (6V)
All parameters refer to GND and are valid for T
amb = 25°C, VVS2 = 6.0V. Application according to Figure 2-3 on page 9
fRF =315 MHz/345MHz/433.92MHz/868.3MHz/915 MHz unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
10
2 Li Battery Application (6V)
10.1
Supported voltage
range
2 Li battery
application (6V)
17
V
VS2
4.4
6.6
V
A
10.2
Power supply output
voltage
2 Li battery
application (6V)
V
VS2 ≥ 4.4V
VAUX open(1)
I
VSOUT ≤ 13.5 mA
(3.3V regulator mode,
V_REG1, see Figure
5-1 on page 30)
22
V
VSOUT
3.0
3.5
V
A
10.3
Supply voltage for
microcontroller
interface
27
V
VSINT
2.4
5.25
V
A
10.4
Threshold hysteresis
VThres_2 – VThres_1
22
∆V
Thres
60
80
100
mV
B
10.5
Reset threshold
voltage at pin VSOUT
(N_RESET)
22
V
Thres_1
2.18
2.3
2.42
V
A
10.6
Reset threshold
voltage at pin VSOUT
(Low_Batt)
22
VThres_2
2.26
2.38
2.5
V
A
10.7
Supply current
OFF mode
V
VS2 ≤ 6.6V
VVSINT = 0V
17,
22, 27
IS_OFF
10
350
nA
A
10.8
Current in IDLE mode
on pin VS2
VVS2 ≤ 6V
IVSOUT = 0
CLK enabled
VVSOUT enabled
CLK disabled
VVSOUT enabled
VVSOUT disabled
17
IIDLE_VS2
410
348
309
560
490
430
µA
µA
µA
A
B
B
10.9
Supply current IDLE
mode
17,
22, 27
I
S_IDLE
I
S_IDLE = IIDLE_VS2 + IVSINT + IEXT
10.10
Current in RX mode
on pin VS2
IVSOUT = 0
17
IRX_VS2
10.8
14.5
mA
B
10.11
Supply current
RX mode
CLK enabled
VVSOUT enabled
17,
22, 27
I
S_RX
I
S_RX = IRX_VS2 + IVSINT + IEXT
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. The voltage of VAUX may rise up to 2 V. The current I
VAUX may not exceed 100 µA.
VS2
IIDLE_VS2 or
IRX_VS2 or
IStartup_PLL_VS2 or
ITX_VS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com