Electronic Components Datasheet Search
  English  ▼

X  

ATA5423-PLSW Datasheet(PDF) 96 Page - ATMEL Corporation

Part # ATA5423-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 93Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 94Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 95Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 96Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 97Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 98Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 99Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 100Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
96
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
17.9
PWR_H input
Low level input voltage
9V
Il
0.25
V
A
Input current low
9
IIl
–5µA
A
High level input voltage
9
VIh
1.7
AVCC
V
A
Input current high
9
IIh
1µA
A
17.10
SDO_TMDO output
Saturation voltage low
VVSINT = 2.4V to 5.25V
I
SDO_TMDO = 250 µA
31
V
ol
0.15
0.4
V
B
Saturation voltage high
V
VSINT = 2.4V to 5.25V
I
SDO_TMDO = –250 µA
31
Voh
V
VSINT –
0.4
V
VSINT –
0.15
VB
17.11
IRQ output
Saturation voltage low
V
VSINT = 2.4V to 5.25V
IIRQ = 250 µA
29
V
ol
0.15
0.4
V
B
Saturation voltage high
VVSINT = 2.4V to 5.25V
I
IRQ = –250 µA
29
V
oh
VVSINT –
0.4
VVSINT –
0.15
VB
17.12
CLK output
Saturation voltage low
V
VSINT = 2.4V to 5.25V
I
CLK = 100 µA
internal series resistor
of 1 k
Ω for spurious
emission reduction in
PLL
30
V
ol
0.15
0.4
V
B
Saturation voltage high
VVSINT = 2.4V to 5.25V
I
CLK = –100 µA
internal series resistor
of 1 k
Ω for spurious
emission reduction in
PLL
30
V
oh
VVSINT –
0.4
VVSINT –
0.15
VB
17.13
N_RESET output
Saturation voltage low
VVSINT = 2.4V to 5.25V
IN_RESET = 250 µA
28
V
ol
0.15
0.4
V
B
Saturation voltage high
VVSINT = 2.4V to 5.25V
I
N_RESET = –250 µA
28
Voh
VVSINT –
0.4
VVSINT –
0.15
VB
17.14
RX_ACTIVE output
Saturation voltage low
V
VSINT = 2.4V to 5.25V
IRX_ACTIVE = 25 µA
46
Vol
0.25
0.4
V
B
Saturation voltage high
VVSINT = 2.4V to 5.25V
IRX_ACTIVE = –1500 µA
46
V
oh
VAVCC
–0.5
VAVCC
–0.15
VB
17.15
DEM_OUT output
Saturation voltage low
Open drain output
I
DEM_OUT = 250 µA
34
Vol
0.15
0.4
V
B
17. Digital Port Characteristics (Continued)
All parameters refer to GND and are valid for Tamb = –40°C to +85 °C, VVS1 = VS2 = 2.4V to 3.6V (1 Li battery application (3V)) and
VVS2 = 4.4V to 6.6 V (2 Li battery application (6V)) and VVS2 = 4.75V to 5.25V (Base-station Application (5V)). Typical values at
V
VS1 =VVS2 = 3V and Tamb = 25°C unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. If a logic high level is applied to this pin, a minimum serial impedance of 100
Ωmust be ensured for proper operation over full
temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com