Electronic Components Datasheet Search
  English  ▼

X  

ATA6837 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA6837
Description  High Temperature Hex Half-bridge Driver with Serial Input Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6837 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA6837 Datasheet HTML 10Page - ATMEL Corporation ATA6837 Datasheet HTML 11Page - ATMEL Corporation ATA6837 Datasheet HTML 12Page - ATMEL Corporation ATA6837 Datasheet HTML 13Page - ATMEL Corporation ATA6837 Datasheet HTML 14Page - ATMEL Corporation ATA6837 Datasheet HTML 15Page - ATMEL Corporation ATA6837 Datasheet HTML 16Page - ATMEL Corporation ATA6837 Datasheet HTML 17Page - ATMEL Corporation ATA6837 Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
4953D–AUTO–10/08
ATA6837 [Preliminary]
10. Application Circuit
Figure 10-1. Application Circuit
9.
Noise and Surge Immunity
Parameters
Test Conditions
Value
Conducted interferences
ISO 7637-1
Level 4(1)
Interference suppression
VDE 0879 Part 2
Level 5
ESD (Human Body Model)
ESD S 5.1
4 kV
CDM (Charge Device Model)
ESD STM5.3
500V
MM (Machine Model)
ESD STM5.2
200V
Note:
1. Test pulse 5: V
vbmax = 40V
S
I
H
S
2
L
S
2
H
S
1
L
S
1
Control
logic
CLK
DO
INH
CS
DI
Input register
Ouput register
Serial interface
H
S
3
L
S
3
H
S
2
L
S
2
H
S
1
L
S
1
S
R
R
H
S
3
L
S
3
O
L
D
H
S
5
L
S
5
H
S
4
L
S
4
H
S
6
L
S
6
P
S
F
H
S
6
L
S
6
H
S
4
T
P
L
S
4
H
S
5
L
S
5
I
N
H
S
C
D
Power on
reset
Charge
pump
UV
protection
Thermal
protection
VS
VCC
GND
GND
GND
GND
S
C
T
GND
GND
GND
GND
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
Fault
Detect
OUT1
OUT3
OUT2
OUT4
OUT5
OUT6
M
M
M
M
M
Vbatt
24V
+
VS
BYT41D
VCC
5V
+
VCC
U5021M
Watchdog
Enable
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com