Electronic Components Datasheet Search
  English  ▼

X  

ATA6837 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6837
Description  High Temperature Hex Half-bridge Driver with Serial Input Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6837 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6837 Datasheet HTML 2Page - ATMEL Corporation ATA6837 Datasheet HTML 3Page - ATMEL Corporation ATA6837 Datasheet HTML 4Page - ATMEL Corporation ATA6837 Datasheet HTML 5Page - ATMEL Corporation ATA6837 Datasheet HTML 6Page - ATMEL Corporation ATA6837 Datasheet HTML 7Page - ATMEL Corporation ATA6837 Datasheet HTML 8Page - ATMEL Corporation ATA6837 Datasheet HTML 9Page - ATMEL Corporation ATA6837 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
4953D–AUTO–10/08
ATA6837 [Preliminary]
Table 3-2.
Output Data Protocol
Bit
Output (Status)
Register
Function
0TP
Temperature prewarning: high = warning
(overtemperature shutdown see remark below)
1
Status LS1
Normal operation: high = output is on, low = output is off
Open-load detection: high = open load, low = no open load
(correct load condition is detected if the corresponding output is
switched off)
2
Status HS1
Normal operation: high = output is on, low = output is off
Open-load detection: high = open load, low = no open load
(correct load condition is detected if the corresponding output is
switched off)
3
Status LS2
Description see LS1
4
Status HS2
Description see HS1
5
Status LS3
Description see LS1
6
Status HS3
Description see HS1
7
Status LS4
Description see LS1
8
Status HS4
Description see HS1
9
Status LS5
Description see LS1
10
Status HS5
Description see HS1
11
Status LS6
Description see LS1
12
Status HS6
Description see HS1
13
SCD
Short circuit detected: set high, when at least one output is switched off
by a short circuit condition
14
INH
Inhibit: this bit is controlled by software (bit SI in input register) and
hardware inhibit (pin INH). High = standby, low = normal operation
15
PSF
Power supply fail: undervoltage at pin VS detected
Note:
Bit 0 to 15 = high: overtemperature shutdown
Table 3-3.
Status of the Input Register After Power on Reset
Bit 15
(SI)
Bit 14
(SCT)
Bit 13
(OLD)
Bit 12
(HS6)
Bit 11
(LS6)
Bit 10
(HS5)
Bit 9
(LS5)
Bit 8
(HS4)
Bit 7
(LS4)
Bit 6
(HS3)
Bit 5
(LS3)
Bit 4
(HS2)
Bit 3
(LS2)
Bit 2
(HS1)
Bit 1
(LS1)
Bit 0
(SRR)
H
H
H
L
LLLLLLL
LL
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com