Electronic Components Datasheet Search
  English  ▼

X  

ATA6837 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6837
Description  High Temperature Hex Half-bridge Driver with Serial Input Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6837 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6837 Datasheet HTML 1Page - ATMEL Corporation ATA6837 Datasheet HTML 2Page - ATMEL Corporation ATA6837 Datasheet HTML 3Page - ATMEL Corporation ATA6837 Datasheet HTML 4Page - ATMEL Corporation ATA6837 Datasheet HTML 5Page - ATMEL Corporation ATA6837 Datasheet HTML 6Page - ATMEL Corporation ATA6837 Datasheet HTML 7Page - ATMEL Corporation ATA6837 Datasheet HTML 8Page - ATMEL Corporation ATA6837 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
4953D–AUTO–10/08
ATA6837 [Preliminary]
2.
Pin Configuration
Figure 2-1.
Pinning QFN 24, 5
× 5, 0.65 mm pitch
Note:
YWW
Date code (Y = Year above 2000, WW = week number)
ATAxyz
Product name
ZZZZZ
Wafer lot number
AL
Assembly sub-lot number
OUT4 SENSE
OUT4
VS
VS
OUT3
OUT3 SENSE
CLK
CS
GND SENSE
NC
VCC
DO
1
2
3
4
5
6
18
17
16
15
14
13
78
9 10
12
11
24 23 22 21
19
20
Table 2-1.
Pin Description QFN24
Pin
Symbol
Function
1
OUT4 SENSE Only for testability in final test
2OUT4
Half-bridge output 4; formed by internally connected power MOS high-side switch 4 and low-side switch 4
with internal reverse diodes; short circuit protection; overtemperature protection; diagnosis for short and
open load
3
VS
Power supply output stages HS4, HS5 and HS6
4
VS
Power supply output stages HS1, HS2 and HS3
5
OUT3
Output 3; see pin 1
6
OUT3 SENSE Only for testability in final test
7
NC
Internal bond to GND
8
OUT2
Output 2; see pin 1
9
OUT2 SENSE Only for testability in final test
10
OUT1 SENSE Only for testability in final test
11
OUT1
Output 1; see pin 1
12
INH
Inhibit input; 5V logic input with internal pull down; low = standby, high = normal operation
13
DO
Serial data output; 5V CMOS logic level tri-state output for output (status) register data; sends 16-bit status
information to the microcontroller (LSB is transferred first). Output will remain tri-stated unless device is
selected by CS = low, therefore, several ICs can operate on one data output line only
14
VCC
Logic supply voltage (5V)
15
NC
Internal bond to GND
16
GND SENSE Ground; reference potential; internal connection to the lead frame; cooling tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com