Electronic Components Datasheet Search
  English  ▼

X  

ATA6837 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6837
Description  High Temperature Hex Half-bridge Driver with Serial Input Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6837 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6837 Datasheet HTML 1Page - ATMEL Corporation ATA6837 Datasheet HTML 2Page - ATMEL Corporation ATA6837 Datasheet HTML 3Page - ATMEL Corporation ATA6837 Datasheet HTML 4Page - ATMEL Corporation ATA6837 Datasheet HTML 5Page - ATMEL Corporation ATA6837 Datasheet HTML 6Page - ATMEL Corporation ATA6837 Datasheet HTML 7Page - ATMEL Corporation ATA6837 Datasheet HTML 8Page - ATMEL Corporation ATA6837 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
4953D–AUTO–10/08
ATA6837 [Preliminary]
17
CS
Chip select input; 5V CMOS logic level input with internal pull up;
low = serial communication is enabled, high = disabled
18
CLK
Serial clock input; 5V CMOS logic level input with internal pull down;
controls serial data input interface and internal shift register (fmax = 2 MHz)
19
DI
Serial data input; 5V CMOS logic level input with internal pull down; receives serial data from the control
device; DI expects a 16-bit control word with LSB being transferred first
20
OUT6
Output 6; see pin 1
21
OUT6 SENSE Only for testability in final test
22
OUT5 SENSE Only for testability in final test
23
OUT5
Output 5; see pin 1
24
NC
Internal bond to GND
Table 2-1.
Pin Description QFN24 (Continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com