Electronic Components Datasheet Search
  English  ▼

X  

AT34C02C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 1 Page - ATMEL Corporation

  AT34C02C Datasheet HTML 1Page - ATMEL Corporation AT34C02C Datasheet HTML 2Page - ATMEL Corporation AT34C02C Datasheet HTML 3Page - ATMEL Corporation AT34C02C Datasheet HTML 4Page - ATMEL Corporation AT34C02C Datasheet HTML 5Page - ATMEL Corporation AT34C02C Datasheet HTML 6Page - ATMEL Corporation AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Features
• Permanent and Reversible Software Write Protection for the First-half of the Array
– Software Procedure to Verify Write Protect Status
• Hardware Write Protection for the Entire Array
• Low-voltage and Standard-voltage Operation
– 1.7 (VCC = 1.7V to 5.5V)
• Internally Organized 256 x 8
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 100 kHz (1.7V) and 400 kHz (2.7V and 5.0V) Compatibility
• 16-byte Page Write Modes
• Partial Page Writes Are Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
• 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 8-lead TSSOP, and 8-ball
dBGA2 Packages
• Die Sales: Wafer Form, Tape and Reel, and Bumped Wafers
Description
The AT34C02C provides 2048 bits of serial electrically-erasable and programmable
read only memory (EEPROM) organized as 256 words of 8 bits each. The first-half of
the device incorporates a permanent and a reversible software write protection fea-
ture while hardware write protection for the entire array is available via an external pin.
Once the permanent software write protection is enabled, by sending a special com-
mand to the device, it cannot be reversed. However, the reversible software write
protection is enabled and can be reversed by sending a special command. The hard-
ware write protection is controlled with the WP pin and can be used to protect the
entire array, whether or not the software write protection has been enabled. This
allows the user to protect none, first-half, or all of the array depending on the applica-
tion. The device is optimized for use in many industrial and commercial applications
where low-power and low-voltage operations are essential. The AT34C02C is avail-
able in space saving 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 8-lead
TSSOP, and 8-ball dBGA2 packages and is accessed via a Two-wire serial interface.
It is available in 1.7V (1.7V to 5.5V).
Two-wire Serial
EEPROM
with Permanent
and Reversible
Software Write
Protect
2K (256 x 8)
AT34C02C
Rev. 5185D–SEEPR–1/08
8-ball dBGA2
Bottom View
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead Ultra Thin Mini-MAP
(MLP 2x3) Bottom View
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT34C02C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C-TP25-B ATMEL-AT34C02C-TP25-B Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C-TP25-T ATMEL-AT34C02C-TP25-T Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02CN-SP25-B ATMEL-AT34C02CN-SP25-B Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
More results

Similar Description - AT34C02C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com