Electronic Components Datasheet Search
  English  ▼

X  

AT34C02C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT34C02C Datasheet HTML 17Page - ATMEL Corporation AT34C02C Datasheet HTML 18Page - ATMEL Corporation AT34C02C Datasheet HTML 19Page - ATMEL Corporation AT34C02C Datasheet HTML 20Page - ATMEL Corporation AT34C02C Datasheet HTML 21Page - ATMEL Corporation AT34C02C Datasheet HTML 22Page - ATMEL Corporation AT34C02C Datasheet HTML 23Page - ATMEL Corporation AT34C02C Datasheet HTML 24Page - ATMEL Corporation AT34C02C Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
5185D–SEEPR–1/08
AT34C02C
8A2 – TSSOP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
5/30/02
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D
2.90
3.00
3.10
2, 5
E
6.40 BSC
E1
4.30
4.40
4.50
3, 5
A
–
–
1.20
A2
0.80
1.00
1.05
b
0.19
–
0.30
4
e
0.65 BSC
L
0.45
0.60
0.75
L1
1.00 REF
8A2, 8-lead, 4.4 mm Body, Plastic
Thin Shrink Small Outline Package (TSSOP)
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing MO-153, Variation AA, for proper dimensions, tolerances,
datums, etc.
2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed
0.15 mm (0.006 in) per side.
3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed 0.25 mm
(0.010 in) per side.
4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess of the
b dimension at maximum material condition. Dambar cannot be located on the lower radius of the foot. Minimum space between
protrusion and adjacent lead is 0.07 mm.
5. Dimension D and E1 to be determined at Datum Plane H.
8A2
B
Side View
End View
Top View
A2
A
L
L1
D
1
2
3
E1
N
b
Pin 1 indicator
this corner
E
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com