Electronic Components Datasheet Search
  English  ▼

X  

AT34C02C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT34C02C Datasheet HTML 9Page - ATMEL Corporation AT34C02C Datasheet HTML 10Page - ATMEL Corporation AT34C02C Datasheet HTML 11Page - ATMEL Corporation AT34C02C Datasheet HTML 12Page - ATMEL Corporation AT34C02C Datasheet HTML 13Page - ATMEL Corporation AT34C02C Datasheet HTML 14Page - ATMEL Corporation AT34C02C Datasheet HTML 15Page - ATMEL Corporation AT34C02C Datasheet HTML 16Page - ATMEL Corporation AT34C02C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
5185D–SEEPR–1/08
AT34C02C
PERMANENT WRITE PROTECT REGISTER (PSWP) STATUS: To find out if the register has
been programmed, the same procedure is used as to program the register except that the
R/W bit is set to 1. If the device sends an acknowledge, then the permanent write protect
register has not been programmed. Otherwise, it has been programmed and the device is
permanently write protected at the first half of the array.
Table 8-1.
PSWP Status
REVERSIBLE WRITE PROTECT REGISTER(RSWP) STATUS: To find out if the register has
been programmed, the same procedure is used as to program the register except that the
R/W bit is set to 1. If the sends an device acknowledge, then the reversible write protect
register has not been programmed. Otherwise, it has been programmed and the device is
write protected (reversible) at the first half of the array.
Figure 8-1.
Device Address
Figure 8-2.
Byte Write
Figure 1. Page Write
Pin
Preamble
RW
Command
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
Read PSWP
A2
A1
A0
0
1
1
0
A2
A1
A0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com