Electronic Components Datasheet Search
  English  ▼

X  

AT34C02C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation AT34C02C Datasheet HTML 10Page - ATMEL Corporation AT34C02C Datasheet HTML 11Page - ATMEL Corporation AT34C02C Datasheet HTML 12Page - ATMEL Corporation AT34C02C Datasheet HTML 13Page - ATMEL Corporation AT34C02C Datasheet HTML 14Page - ATMEL Corporation AT34C02C Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
5185D–SEEPR–1/08
AT34C02C
Table 7-3.
WP Connected to GND or Floating
Table 7-4.
WP Connected to Vcc
WP Connected to GND or Floating
Command
R/W Bit
Permanent
Write Protect
Register
PSWP
Reversible
Write Protect
Register RSWP
Acknowledgme
nt from Device
Action from Device
1010
R
X
X
ACK
1010
W
Programmed
X
ACK
Can write to second Half (80H - FFH) only
1010
W
X
Programmed
ACK
Can write to second Half (80H - FFH) only
1010
W
Not Programmed
Not Programmed
ACK
Can write to full array
Read PSWP
R
Programmed
X
No ACK
STOP - Indicates permanent write protect register is
programmed
Read PSWP
R
Not Programmed
X
ACK
Read out data don't care. Indicates PSWP register
is not programmed
Set PSWP
W
Programmed
X
No ACK
STOP - Indicates permanent write protect register is
programmed
Set PSWP
W
Not Programmed
X
ACK
Program permanent write protect register
(irreversible)
Read RSWP
R
X
Programmed
No ACK
STOP - Indicates reversible write protect register is
programmed
Read RSWP
R
X
Not Programmed
ACK
Read out data don't care. Indicates RSWP register
is not programmed
Set RSWP
W
X
Programmed
No ACK
STOP - Indicates reversible write protect register is
programmed
Set RSWP
W
X
Not Programmed
ACK
Program reversible write protect register (reversible)
Clear RSWP
W
Programmed
X
No ACK
STOP - Indicates permanent write protect register is
programmed
Clear RSWP
W
Not Programmed
X
ACK
Clear (unprogram) reversible write protect register
(reversible)
WP Connected to Vcc
Comman
d
R/W Bit
Permanent
Write Protect
Register PSWP
Reversible
Write Protect
Register RSWP
Acknowledgme
nt from Device
Action from Device
1010
R
X
X
ACK
Read array
1010
W
X
X
ACK
Device Write Protect
Read
PSWP
R
Programmed
X
No ACK
STOP - Indicates permanent write protect register is
programmed
Read
PSWP
R
Not Programmed
X
ACK
Read out data don't care. Indicates PSWP register is
not programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com