Electronic Components Datasheet Search
  English  ▼

X  

SC4624 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4624
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4624 Datasheet HTML 5Page - Semtech Corporation SC4624 Datasheet HTML 6Page - Semtech Corporation SC4624 Datasheet HTML 7Page - Semtech Corporation SC4624 Datasheet HTML 8Page - Semtech Corporation SC4624 Datasheet HTML 9Page - Semtech Corporation SC4624 Datasheet HTML 10Page - Semtech Corporation SC4624 Datasheet HTML 11Page - Semtech Corporation SC4624 Datasheet HTML 12Page - Semtech Corporation SC4624 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
 2008 Semtech Corp.
www.semtech.com
SC4624
POWER MANAGEMENT
Pin Descriptions
Pin
SO-16
Pin
MLPQ-20 Pin Name
Pin Functions
6
1
PVIN1
Power supply voltage for high side MOSFETs.
8
2
ISET
Current limit setting pin. A resistor connected between ISET and AGND sets the over
current protection threshold. A ceramic decoupling between ISET pin to AGND have to
be reserved to prevent from noise influence.
9
3
SS
Soft start time setting pin. A cap connected from this pin to GND sets the soft start up
time.
10
4
FS
Oscillator frequency setting pin. An external resistor connected from this pin to GND
sets the oscillator frequency.
11,15
5,12
VCC
Power supply voltage for the analog section of the controller.
12
6
PGOOD Power good indicator. It is an open drain output. Low when the output is below the
power good threshold level.
7,8,9
NC
No connection.
13
10
COMP
This is the output of the error amplifier. The voltage at this point is connected to the
inverting input of the PWM comparator. A compensation network is required in order to
optimize the dynamic performance of the voltage mode control loop.
14
11
FB
The inverting input of the error amplifier. It serves as the output voltage feedback point
for the buck controller. It senses the output voltage through an external divider.
16
13
AGND
Analog signal gound.
1
14
SYNC/EN
The oscillator frequency of the SC4624 is set by FS when SYNC/EN is pulled and
held above 2V. Its synchronous mode is activated as SYNC/EN is driven by an exter-
nal clock. Its shutdown mode is invoked if SYNC/EN is pulled and held below 0.8V.
2
15
PGND1
Power ground.
3
16
PGND2
Power ground.
4
17
PH1
Switching nodes
5
18
PH2
Switching nodes
19
PH3
Switching nodes
7
20
PVIN2
Power supply voltage for high side MOSFETs.
THERMAL
PAD
Pad for heatsinking purposes only. Connect to ground plane using multiple vias. Not
electrically connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com