Electronic Components Datasheet Search
  English  ▼

X  

SC4624 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4624
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4624 Datasheet HTML 6Page - Semtech Corporation SC4624 Datasheet HTML 7Page - Semtech Corporation SC4624 Datasheet HTML 8Page - Semtech Corporation SC4624 Datasheet HTML 9Page - Semtech Corporation SC4624 Datasheet HTML 10Page - Semtech Corporation SC4624 Datasheet HTML 11Page - Semtech Corporation SC4624 Datasheet HTML 12Page - Semtech Corporation SC4624 Datasheet HTML 13Page - Semtech Corporation SC4624 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4624
Block Diagram
AGND
VCC
SS
FB
COMP
SYNC/EN
FB
BANDGAP
BANDGAP
VREF
SOFT
START
OSC
CLOCK
SD
PWM
BLOCK
PWM
LOGIC
ERROR
OPAMP
SHOOT-
THRU
PROTECTION
THERMAL
SHUTDOWN
UVLO
+
-
0.5V
OVER
CURRENT
PROTECT
BOTTOM
GATE
LOW SIDE DRIVER
AND LOGIC
1.1VREF
0.9VREF
PGOOD
PGND2
PGND1
PH3
PH2
PH1
ISET
PVIN2
PVIN1
I = F(R_ISET)
HIGH SIDE DRIVER
AND LOGIC
TOP GATE
ASYNCHRONOUS
START UP
FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com