Electronic Components Datasheet Search
  English  ▼

X  

SC4624 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4624
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4624 Datasheet HTML 10Page - Semtech Corporation SC4624 Datasheet HTML 11Page - Semtech Corporation SC4624 Datasheet HTML 12Page - Semtech Corporation SC4624 Datasheet HTML 13Page - Semtech Corporation SC4624 Datasheet HTML 14Page - Semtech Corporation SC4624 Datasheet HTML 15Page - Semtech Corporation SC4624 Datasheet HTML 16Page - Semtech Corporation SC4624 Datasheet HTML 17Page - Semtech Corporation SC4624 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4624
SC4624 regulates the inductor current to a new value dur-
ing a load transient, the output capacitor delivers all the
additional current needed by the load.
The ESR and ESL of the output capacitor, the loop para-
sitic inductance between the output capacitor and the
load combined with inductor ripple current are all major
contributors to the output voltage ripple.
Input Capacitor Selection
The input capacitor selection is based on its ripple cur-
rent level, required capacitance and voltage rating. This
capacitor must be able to provide the ripple current by the
switching actions. For the continuous conduction mode,
the RMS value of the input capacitor can be calculated
from:
This current gives the capacitor’s power loss as follows:
This capacitor’s RMS loss can be a significant part of the
total loss in the converter and reduces the overall convert-
er efficiency. The input ripple voltage mainly depends on
the input capacitor’s ESR and its capacitance for a given
load, input voltage and output voltage. Assuming that the
input current of the converter is constant, the required
input capacitance for a given voltage ripple can be calcu-
lated by:
where
D = V
O/VI , duty ratio.
DV
I = the given input voltage ripple.
Loop Compensation Design
For a DC/DC converter, it is usually required that the con-
verter has a loop gain of a high cross-over frequency for
fast load response, high DC and low frequency gain for low
steady state error, and enough phase margin for its oper-
ating stability. Often one can not have all these properties
at the same time. The purpose of the loop compensation
is to arrange the poles and zeros of the compensation
Operation
Application Information (Cont.)
Application Information (Cont.)
network to meet the requirements for a specific applica-
tion.
The SC4624 has an internal error amplifier and requires
the compensation network to connect among the COMP
pin and FB pin, GND, and the output as shown in Figure
17. The compensation network includes C1, C2, R1, R7,
R8 and C8. R9 is used to program the output voltage ac-
cording to:
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
R7
R1
C4
C1
L1
R
C2
SC4624
COMP
FB
PH
R9
C8
R8
Vout
Figure 17. Compensation Network
Provides 3 Poles and 2 Zeros
For voltage mode step down applications as shown in Fig-
ure 17, the power stage transfer function is:
where
R = load resistance
R
C = C4’s ESR.
The compensation network will have these characteris-
tics:
IN
∆
2
P
2
Z
1
P
1
Z
I
COMP
s
1
s
1
s
1
s
1
s
)
s
(
G
w
+
⋅
w
+
⋅
w
+
w
+
⋅
w
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com