Electronic Components Datasheet Search
  English  ▼

X  

SC4624 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC4624
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC4624 Datasheet HTML 12Page - Semtech Corporation SC4624 Datasheet HTML 13Page - Semtech Corporation SC4624 Datasheet HTML 14Page - Semtech Corporation SC4624 Datasheet HTML 15Page - Semtech Corporation SC4624 Datasheet HTML 16Page - Semtech Corporation SC4624 Datasheet HTML 17Page - Semtech Corporation SC4624 Datasheet HTML 18Page - Semtech Corporation SC4624 Datasheet HTML 19Page - Semtech Corporation SC4624 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4624
Outline Drawing - SO-16 EDP
Land Pattern - SO-16 EDP
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 300A.
2.
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
F
MILLIMETERS
.094
2.40
3.
THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
FUNCTIONAL PERFORMANCE OF THE DEVICE.
(C)
P
X
G
Y
Z
F
D
(.205)
(5.20)
1.27
.050
0.60
.024
2.20
.087
7.40
.291
E
SOLDER MASK
THERMAL VIA
Ø 0.36mm
D
2.90
.114
E
.201
5.10
G
.118
3.00
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111 Fax: (805) 498-3804
Contact Information
www.semtech.com
1
2
N
e
A
2X
E/2
E1
E
D
ccc C
2X N/2 TIPS
e/2
B
F
DIM
c
e
h
L
E1
E
D
A1
A2
b
A
ccc
aaa
bbb
01
N
L1
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
PLANE
GAUGE
0.25
SEE DETAIL
REFERENCE JEDEC STD MS-012, VARIATION AC.
OR GATE BURRS.
4.
3.
NOTES:
2.
1.
-A-
-B-
SIDE VIEW
0.10
.004
-H-
01
(L1)
L
DETAIL
A
A
.008
.010
H
c
0.20
0.25
MILLIMETERS
MIN
6.00 BSC
1.27 BSC
.005
0.00
.000
-
.105
.028
(.041)
.390
.154
.236 BSC
.050 BSC
.100
.010
.016
0°
16
-
-
.049
.007
.012
.386
.150
-
-
-
.110
.020
.041
8°
0.40
0°
2.54
0.25
.065
.010
.020
.394
.157
9.80
3.80
1.25
0.17
0.31
INCHES
DIMENSIONS
NOM
MIN
.053
-
MAX
.069
1.35
0.13
-
(1.04)
0.72
16
-
2.67
-
1.04
8°
2.79
0.50
9.90
3.90
-
-
-
10.00
4.00
1.65
0.25
0.51
MAX
NOM
-
1.75
PLANE
SEATING
C
aaa C
A
A1
A2
bbb
C A-B D
D
bxN
EXPOSED PAD
F
H
h
h
H
.080
.085
.090
2.03
2.16
2.29
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com