Electronic Components Datasheet Search
  English  ▼

X  

AT73C237 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT73C237
Description  Power Management and Analog Companions (PMAAC)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C237 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT73C237 Datasheet HTML 1Page - ATMEL Corporation AT73C237 Datasheet HTML 2Page - ATMEL Corporation AT73C237 Datasheet HTML 3Page - ATMEL Corporation AT73C237 Datasheet HTML 4Page - ATMEL Corporation AT73C237 Datasheet HTML 5Page - ATMEL Corporation AT73C237 Datasheet HTML 6Page - ATMEL Corporation AT73C237 Datasheet HTML 7Page - ATMEL Corporation AT73C237 Datasheet HTML 8Page - ATMEL Corporation AT73C237 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Features
• LDO1: 2.75V (Default) and 1.8V (Programmable by TWI), 70 mA Linear Very Low Drop
Out Regulator with High PSRR and Low Noise.
• LDO2: 1.8V (Default) and 1.5V (Programmable by TWI), 70 mA Linear Low Drop Out
Regulator with High PSRR and Low Noise.
• LDO3: 1.8V (Default) and 1.5V or 1.2V (Programmable by TWI), 70 mA Linear Low Drop
Out Regulator with high PSRR and Low noise.
• LDO4: 1.8V, 2mA Linear Low Drop Out Regulator with Very Low Quiescent Current, +/-
100 mV Adjustable.
• Main Supply Rail from 2.8V to 5.5V
• Independent Auxiliary Supply for LDO4 Backup Section, 2.8V to 5.5V
• Internal State Machine for Startup and Delayed Reset Generation
• Additional External Reset Input
• Two Wire Interface for Independent Power Up/Power Down and Output Voltage
Programming for Each LDO.
• LDOs Voltage Customization Possible on Request
• Available in 3 x 3 x 0.9 mm 16-pin QFN Package
• Applications: GPS Modules, WLAN Devices, Wireless Modules.
1.
Description
The AT73C237 is a four-channel Power Supply Power Management Unit (PMU) avail-
able in a small outline QFN 3 x 3mm package. It is a fully integrated, attractively
priced, combined Power Management device for wireless modules, GPS and WLAN
devices. It integrates 4X Linear Low Drop Out Regulators, three of which (LDO1, 2, 3)
provide high-accuracy RF performance and 1X (LDO4) with very low quiescent cur-
rent, that can be supplied by an external backup battery (VDD4) on a separate rail. An
internal Low Power Bandgap (LPBG) requiring no external capacitor for decoupling, is
used as reference voltage for LDO4 and starts when VDD4 is present. LDO4 regu-
lates its output voltage with extremely low quiescent current, maximizing the lifetime of
the backup battery.
An Internal State Machine manages the startup of the other LDOs. An economic High
Precision Bandgap (HPBG) provides highly accurate, low noise voltage reference to
LDOs 1, 2, 3 while operating in switching mode to optimize the quiescent current.
The AT73C237 features a Two-wire Interface (TWI) to increase the efficiency of the
system by disabling individually each LDO when not needed.
Power
Management
and Analog
Companions
(PMAAC)
AT73C237
4-channel
Power
Management for
Wireless
Modules
6362A–PMAAC–01-Jul-08


Similar Part No. - AT73C237

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C237 ATMEL-AT73C237_14 Datasheet
985Kb / 33P
Applications: GPS Modules, WLAN Devices, Wireless Modules
More results

Similar Description - AT73C237

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C206 ATMEL-AT73C206 Datasheet
140Kb / 4P
Power Management And Analog Companions (PMAAC)
AT73C239 ATMEL-AT73C239_07 Datasheet
472Kb / 31P
Power Management and Analog Companions (PMAAC)
AT73C224-A ATMEL-AT73C224-A Datasheet
1Mb / 75P
Power Management and Analog Companions (PMAAC)
AT73C209 ATMEL-AT73C209 Datasheet
1Mb / 63P
Power Management and Analog Companions PMAAC)
AT73C213B ATMEL-AT73C213B Datasheet
1Mb / 37P
Power Management and Analog Companions (PMAAC)
AT73C240 ATMEL-AT73C240 Datasheet
1Mb / 38P
Power Management and Analog Companions
logo
STMicroelectronics
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
Reset and power management
10-Jan-2017
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com