Electronic Components Datasheet Search
  English  ▼

X  

AT73C237 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT73C237
Description  Power Management and Analog Companions (PMAAC)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C237 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT73C237 Datasheet HTML 1Page - ATMEL Corporation AT73C237 Datasheet HTML 2Page - ATMEL Corporation AT73C237 Datasheet HTML 3Page - ATMEL Corporation AT73C237 Datasheet HTML 4Page - ATMEL Corporation AT73C237 Datasheet HTML 5Page - ATMEL Corporation AT73C237 Datasheet HTML 6Page - ATMEL Corporation AT73C237 Datasheet HTML 7Page - ATMEL Corporation AT73C237 Datasheet HTML 8Page - ATMEL Corporation AT73C237 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
6362A–PMAAC–01-Jul-08
AT73C237
2.
Block Diagram
Figure 2-1.
AT73C237 Functional Block Diagram
LDO1
2.75V/70mA
POR
RCOSC
VDD1 (13)
VO1 (14)
Level Shifters
XRESIN (1)
XRESO (4)
TWCK (11)
TWD (12)
GNDD (6)
TWI Interface
and Digital
State Machine
LDO2
1.80V/70mA
VDD2 (9)
VO2 (10)
LDO3
1.80V/70mA
VDD3 (3)
VO3 (2)
2.70V Supply Monitor
LDO4
1.80V/2mA
VDD4 (7)
VO4 (5)
Low Power
Bandgap Reference
LPBG
Main Bandgap
Reference
HVBG
LDO
GNDA (15)
VBG (16)
VZAP (8)
TRIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com