Electronic Components Datasheet Search
  English  ▼

X  

AT73C237 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT73C237
Description  Power Management and Analog Companions (PMAAC)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C237 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT73C237 Datasheet HTML 9Page - ATMEL Corporation AT73C237 Datasheet HTML 10Page - ATMEL Corporation AT73C237 Datasheet HTML 11Page - ATMEL Corporation AT73C237 Datasheet HTML 12Page - ATMEL Corporation AT73C237 Datasheet HTML 13Page - ATMEL Corporation AT73C237 Datasheet HTML 14Page - ATMEL Corporation AT73C237 Datasheet HTML 15Page - ATMEL Corporation AT73C237 Datasheet HTML 16Page - ATMEL Corporation AT73C237 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
6362A–PMAAC–01-Jul-08
AT73C237
Figure 8-3.
LDO2 Load Regulation
Figure 8-4.
LDO2 Output Noise
Load Regulation: Vout2 = 1.5V
1.494
1.495
1.496
1.497
1.498
1.499
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
I Load (mA)
Load Regulation: Vout2 = 1.8V
1.7815
1.783
1.7845
1.786
1.7875
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
I Load (mA)
Vin=5.5V
Vin=3.3V
Vin=5.5V
Vin=2.8V
Vin=3.3V
Vin=2.8V
A: CH1 Pwr Spec
X:1.001 kHz
Y:564.828 nVrms
5Hz
1.605kHz
AVG: 30
100
uVrms
100
nVrms
LogMag
3
decades
Band:10.1724 uVrms
A: CH1 Pwr Spec
X:1
kHz
Y:5.0418 uVrms
1kHz
103.4kHz
AVG: 30
10
uVrms
1
uVrms
LogMag
1
decades
Band:19.7939 uVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com