Electronic Components Datasheet Search
  English  ▼

X  

AT73C237 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT73C237
Description  Power Management and Analog Companions (PMAAC)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C237 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT73C237 Datasheet HTML 17Page - ATMEL Corporation AT73C237 Datasheet HTML 18Page - ATMEL Corporation AT73C237 Datasheet HTML 19Page - ATMEL Corporation AT73C237 Datasheet HTML 20Page - ATMEL Corporation AT73C237 Datasheet HTML 21Page - ATMEL Corporation AT73C237 Datasheet HTML 22Page - ATMEL Corporation AT73C237 Datasheet HTML 23Page - ATMEL Corporation AT73C237 Datasheet HTML 24Page - ATMEL Corporation AT73C237 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
6362A–PMAAC–01-Jul-08
AT73C237
9.3
LDO3
LDO3 is a 1.80V/70mA LDO, compatible with RF performances (see electrical specifications for
details). LDO3 can work with supply from 3.0V up to 5.5V and needs at least 300mV of minimum
drop-out. This LDO is designed to supply RF section of wireless devices, showing high PSRR up
to 100 kHz, low noise on wide frequency bandwidth. LDO3 requires a 2.2 µF output capacitor.
• Additionally, 1.50V or 1.20V output voltages programming is possible via the TWI serial
interface on AT73C237.
Figure 9-3.
LDO3 Functional Diagram
VO3
VIN
VDD3
C3
VBG
AVSS
on3
overcurrent
detection
current
reference
sel3<1:0>
GNDA
GNDA
VDDESD
vouts
VINC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com