Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 259 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 259 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 255Page - ATMEL Corporation AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 459 page
background image
259
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
21.9
OTG timers customizing
It is possible to refine some OTG timers thanks to the OTGTCON register that contains the
PAGE bits to select the timer and the VALUE bits to adjust the value. User should refer to lastest
releases of the OTG specification to select compliant timings.
• PAGE=00b: AWaitVrise time-out. [OTG]. In Host mode, once VBUSREQ has been set to “1”,
if no VBUS is detected on VBUS pin after this AWaitVrise delay then the VBERRI error flag is
set.
– VALUE=00bTime-out is set to 20 ms
– VALUE=01bTime-out is set to 50 ms
– VALUE=10bTime-out is set to 70ms
– VALUE=11bTime-out is set to 100 ms
• PAGE=01b: VbBusPulsing. [OTG]. In Device mode, this delay corresponds to the pulse
duration on Vbus during a SRP.
– VALUE=00bTime-out is set to 15 ms
– VALUE=01bTime-out is set to 23 ms
– VALUE=10bTime-out is set to 31 ms
– VALUE=11bTime-out is set to 40 ms
• PAGE=10b: PdTmOutCnt. [OTG]. In Device mode, when a SRP has been requested to be
sent by the firmware, this delay is waited by the hardware after VBUS has gone below the
“session_valid” threshold voltage and before initiating the first pulse. This delay should be
considered as an approximation of USB lines discharge (pull-down resistors vs. line
capacitance) in order to wait that VBUS has gone below the “b_session_end” threshold
voltae, as defined in the OTG specification.
– VALUE=00bTime-out is set to 93 ms
– VALUE=01bTime-out is set to 105 ms
– VALUE=10bTime-out is set to 118 ms
– VALUE=11bTime-out is set to 131 ms
•PAGE=11b: SRPDetTmOut. [OTG]. In Host mode, this delay is the minimum pulse duration
required to detect and accept a valid SRP from a Device.
– VALUE=00bTime-out is set to 10 us
– VALUE=01bTime-out is set to 100 us
– VALUE=10bTime-out is set to 1 ms
– VALUE=11bTime-out is set to 11 ms
21.10 Plug-in detection
The USB connection is detected by the VBUS pad, thanks to the following architecture:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com