Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 263 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation AT90USB646 Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 459 page
background image
263
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Set by hardware when the controller is in FULL-SPEED mode. Cleared by hardware when the
controller is in LOW-SPEED mode.
• 2 – Reserved
The value read from this bit is always 0. Do not set this bit.
• 1 – ID: IUD pin Flag
The value read from this bit indicates the state of the UID pin.
• 0 – VBUS: VBus Flag
The value read from this bit indicates the state of the VBUS pin. This bit can be used in device
mode to monitor the USB bus connection state of the appication. See Section 21.10, page 259
for more details.
7-2 - Reserved
The value read from these bits is always 0. Do not set these bits.
1 – IDTI: D Transition Interrupt Flag
Set by hardware when a transition (high to low, low to high) has been detected on the UID pin.
Shall be cleared by software.
• 0 – VBUSTI: IVBUS Transition Interrupt Flag
Set by hardware when a transition (high to low, low to high) has been detected on the VBUS
pad.
Shall be cleared by software.
• 7-6 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 5 – HNPREQ: HNP Request Bit
Set to initiate the HNP when the controller is in the Device mode (B). Set to accept the HNP
when the controller is in the Host mode (A).
Clear otherwise.
• 4 – SRPREQ: SRP Request Bit
Set to initiate the SRP when the controller is in Device mode. Cleared by hardware when the
controller is initiating a SRP.
Bit
7
65
43
21
0
-
-
-
-
-
-
IDTI
VBUSTI
USBINT
Read/Write
R
R
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
-
-
HNPREQ
SRPREQ
SRPSEL
VBUSHWC
VBUSREQ
VBUSRQC
OTGCON
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com