Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 264 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation AT90USB646 Datasheet HTML 267Page - ATMEL Corporation AT90USB646 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 459 page
background image
264
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
• 3 – SRPSEL: SRP Selection Bit
Set to choose VBUS pulsing as SRP method.
Clear to choose data line pulsing as SRP method.
• 2 – VBUSHWC: VBus Hardware Control Bit
Set to disable the hardware control over the UVCON pin.
Clear to enable the hardware control over the UVCON pin.
See for more details
• 1 – VBUSREQ: VBUS Request Bit
Set to assert the UVCON pin in order to enable the VBUS power supply generation. This bit
shall be used when the controller is in the Host mode.
Cleared by hardware when VBUSRQC is set.
• 0 – VBUSRQC: VBUS Request Clear Bit
Set to deassert the UVCON pin in order to enable the VBUS power supply generation. This bit
shall be used when the controller is in the Host mode.
Cleared by hardware immediately after the set.
• 7 – Reserved
This bit is reserved and always set.
• 6-5 – PAGE: Timer page access Bit
Set/clear to access a special timer register. See Section 21.9, page 259 for more details.
• 4-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 1-0 – VALUE: Value Bit
Set to initialize the new value of the timer. See Section 21.9, page 259 for more details.
• 7-6 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 5 – STOE: Suspend Time-out Error Interrupt Enable Bit
Set to enable the STOI interrupt. Clear to disable the STOI interrupt.
Bit
7
6
5
4
3
2
1
0
-PAGE
-
-
-
VALUE
OTGTCON
Read/Write
R
R/W
R/W
R
R
R/W
R/W
R/W
Initial Value
1
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
-
-
STOE
HNPERRE
ROLEEXE
BCERRE
VBERRE
SRPE
OTGIEN
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com