Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 459 page
background image
262
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
• 0 – UVREGE: USB pad regulator Enable
Set to enable the USB pad regulator. Clear to disable the USB pad regulator.
• 7 – USBE: USB macro Enable Bit
Set to enable the USB controller. Clear to disable and reset the USB controller, to disable the
USB transceiver and to disable the USB controller clock inputs.
• 6 – HOST: HOST Bit
Set to enable the Host mode. Clear to enable the device mode.
• 5 – FRZCLK: Freeze USB Clock Bit
Set to disable the clock inputs (the ”Resume Detection” is still active). This reduces the power
consumption. Clear to enable the clock inputs.
• 4 – OTGPADE: OTG Pad Enable
Set to enable the OTG pad. Clear to disable the OTG pad. The OTG pad is actually the VBUS
pad.
Note that this bit can be set/cleared even if USBE=0. That allows the VBUS detection even if the
USB macro is disabled. This pad must be enabled in both Host and Device modes in order to
allow USB operation (attaching, transmitting...).
• 3-2 – Reserved
The value read from these bits is always 0. Do not set these bits.
• 1 – IDTE: ID Transition Interrupt Enable Bit
Set this bit to enable the ID Transition interrupt generation. Clear this bit to disable the ID Transi-
tion interrupt generation.
• 0 – VBUSTE: VBUS Transition Interrupt Enable Bit
Set this bit to enable the VBUS Transition interrupt generation.
Clear this bit to disable the VBUS Transition interrupt generation.
• 7-4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3 – SPEED: Speed Status Flag
This should be read only when the USB controller operates in host mode, in device mode the
value read from this bit is undeterminated.
Bit
7
6
5
4
321
0
USBE
HOST
FRZCLK
OTGPADE
-
-
IDTE
VBUSTE
USBCON
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
1
0
0
0
0
0
Bit
7
6
5
4
32
10
-
-
-
-
SPEED
ID
VBUS
USBSTA
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com