Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020PFC Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB6020PFC
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020PFC Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB6020PFC Datasheet HTML 3Page - Texas Instruments TUSB6020PFC Datasheet HTML 4Page - Texas Instruments TUSB6020PFC Datasheet HTML 5Page - Texas Instruments TUSB6020PFC Datasheet HTML 6Page - Texas Instruments TUSB6020PFC Datasheet HTML 7Page - Texas Instruments TUSB6020PFC Datasheet HTML 8Page - Texas Instruments TUSB6020PFC Datasheet HTML 9Page - Texas Instruments TUSB6020PFC Datasheet HTML 10Page - Texas Instruments TUSB6020PFC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
SUPPLY CURRENT
Device Power Consumption
(1)
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170E – JANUARY 2007 – REVISED MARCH 2008
TA = 0°C to 70°C, VDD15 = 1.5 V ± 10%, VDD18 = 1.8 V ± 10%, VDDA1P5 = 1.5 V ± 10%, VDDA3P3 = 3.3 V ± 10%,
VDDS3P3 = 3.3 V ± 10%, VDDD1P5 = 1.5 V ± 10%, VDDCM1P5 = 1.5 V ± 10%, VSS = 0 V (unless otherwise noted)
IDD = 1.5 V (TOTAL)
IDD = 1.8 V
IDD = 3.3 V (TOTAL)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP
MAX
Power down (Idle)(2)
2.6
5.0
0.26
10.5
4.1
4.8
No bus activity(3)
60.1
71.2
0.21
10.5
12.7
14.5
Input supply
IDD
mA
current
Active (transmit/receive)(4)
66.2
78.1
0.22
10.5
14.4
16.6
Reset(5)
(1)
Minimum, typical, and maximum current values are average values.
(2)
PmIdle bit set in Device PRCM management register
(3)
Normal operation with no USB connection
(4)
Bulk IN and OUT on one endpoint. Packet size is 512 bytes.
(5)
Device RSTn asserted
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TUSB6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com