Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020PFC Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB6020PFC
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020PFC Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB6020PFC Datasheet HTML 8Page - Texas Instruments TUSB6020PFC Datasheet HTML 9Page - Texas Instruments TUSB6020PFC Datasheet HTML 10Page - Texas Instruments TUSB6020PFC Datasheet HTML 11Page - Texas Instruments TUSB6020PFC Datasheet HTML 12Page - Texas Instruments TUSB6020PFC Datasheet HTML 13Page - Texas Instruments TUSB6020PFC Datasheet HTML 14Page - Texas Instruments TUSB6020PFC Datasheet HTML 15Page - Texas Instruments TUSB6020PFC Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
IDLE State
NORMAL (ACTIVE) State
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170E – JANUARY 2007 – REVISED MARCH 2008
The TUSB6020 enters IDLE state when external host sets DevIdle bit in the device power management register.
The external host may decide to place the device into IDLE state if:
• No USB cable is attached.
• The type-B connector is attached, but the type-A device did not charge V
BUS.
• The type-A connector is attached, but the external host may decide to wait for an SRP request from the
type-B device.
In IDLE state:
• All output signals are driven to state with minimum I/O current leakage (pullup/pulldowns are controllable
through Pullup/Pulldown Control registers).
• All controllable bidirectional pins are placed into minimum current leakage state.
• All registers and memories retain the content and any read/write registers access is disabled.
• All clock sources are disabled.
• PHY macro is suspended:
1. Low-power VBUS sense comparator is enabled and all regular VBUS comparators are disabled to minimize
current consumption.
2. ID detection circuitry is enabled.
3. Remaining analog circuitry is disabled.
In IDLE state, the device asserts the SLEEP output pin to the companion power-management device to place it
into low-power/sleep mode if the PmIdle and DevIdle bits are set in the PRCM power management register. The
power-management device can be put into the sleep state only if the device is placed in IDLE state (DevIdle bit
set).
If the application requires the companion power-management device to remain in NORMAL state, the PmIdle bit
will not be set, while the DevIdle bit can be set to place the device into the idle state. TUSB6020 stays in the
IDLE state until a valid wake-up event occurs and transitions into NORMAL (ACTIVE) State. If system reset is
asserted (RSTn), the device transitions to RESET state.
A transition to NORMAL state is required for normal device operation. All circuitry is enabled. In NORMAL state:
• All I/Os are enabled.
• All registers and memories are accessible.
• Clock source are enabled.
• PHY macro is enabled.
• Session end V
BUS detect circuitry is enabled.
• V
BUS detection circuitry is enabled.
• ID detection circuitry is enabled.
The external host enables IDpullup and the VBUS sense comparator. It reads the Device Status register to confirm
the USB cable connection.
• If no USB cable is attached, IDpullup should be high and V
BUS should be low.
• If the type-B USB connector is attached, IDpullup should be high. The V
BUS status depends on whether the
type-A device on the other side of the cable is charging VBUS.
• If the type-A USB connector is attached, IDpullup should be low and V
BUS should be low. The external host
decides when to charge VBUS.
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com