Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020PFC Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB6020PFC
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020PFC Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB6020PFC Datasheet HTML 4Page - Texas Instruments TUSB6020PFC Datasheet HTML 5Page - Texas Instruments TUSB6020PFC Datasheet HTML 6Page - Texas Instruments TUSB6020PFC Datasheet HTML 7Page - Texas Instruments TUSB6020PFC Datasheet HTML 8Page - Texas Instruments TUSB6020PFC Datasheet HTML 9Page - Texas Instruments TUSB6020PFC Datasheet HTML 10Page - Texas Instruments TUSB6020PFC Datasheet HTML 11Page - Texas Instruments TUSB6020PFC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
INTEGRATED USB 2.0 TRANSCEIVER
Electrical Characteristics – Vbus
Electrical Characteristics – DP and DM
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170E – JANUARY 2007 – REVISED MARCH 2008
TA = 0°C to 70°C, VDD15 = 1.5 V ± 10%, VDD18 = 1.8V ± 10%, VDDA1P5 = 1.5 V ± 10%, VDDA3P3 = 3.3 V ± 10%,
VDDS3P3 = 3.3 V ± 10%, VDDD1P5 = 1.5 V ± 10%, VDDCM1P5 = 1.5 V ± 10%, VSS = 0 V (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Vbus input impedance
360
690
k
Ω
Vbus valid comparator
4.4
4.75
V
Vbus SRP charge pullup value
281
1950
Ω
Vbus SRP discharge pulldown value
656
1850
Ω
Vbus leakage current (when device is powered off)
11
µA
(1)
Characterization only. Limits approved by design.
TA = 0°C to 70°C, VDD15 = 1.5 V ± 10%, VDD18 = 1.8 V ± 10%, VDDA1P5 = 1.5 V ± 10%, VDDA3P3 = 3.3 V ± 10%,
VDDS3P3 = 3.3 V ± 10%, VDDD1P5 = 1.5 V ± 10%, VDDCM1P5 = 1.5 V ± 10%, VSS = 0 V (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Input Levels for Full Speed
VDI
Full-speed differential input threshold
0.2
V
VCM
Input (was differential) common mode range
0.8
2.5
V
Input Levels for High Speed
V(HSSQ)
High-speed squelch detection threshold (differential signal amplitude)
100
1520
mV
VDI
High-speed differential input threshold voltage
100
mV
Output Levels for Full Speed
VOL
Low-level output voltage
0
0.3
V
VOH
High-level output voltage (driven)
2.8
3.6
V
VO(SE1)
Output voltage on SE1
0.8
V
VO(CRS)
Output signal crossover voltage
1.3
2
V
Output Levels for High Speed
V(HSOI)
High-speed idle level
–10
10
mV
V(HSOH)
High-speed data signaling high
360
440
mV
V(HSOL)
High-speed data signaling low
–10
10
mV
VID(CHIRPJ)
Chirp J level (differential voltage)
700
1100
mV
VID(CHIRPK)
Chirp K level (differential voltage)
–900
–500
mV
Driver Characteristics (Full Speed)
tr
Full-speed rise time
4
20
ns
tf
Full-speed fall time
4
20
ns
t(RFM)
Full-speed rise/fall time matching
90%
110%
Driver Characteristics (High Speed)
tr
Rise time (10%-90%)
500
ps
tf
Fall time (10%-90%)
500
ps
ro(HSDRV)
Driver output resistance (serves as a high-speed termination)
40.5
49.5
Ω
t(RFM)
Differential rise and fall time matching
90%
111.11%
Clock Timings
t(HSDRAT)
High-speed data rate
479.76
480.24
Mb/s
(1)
Characterization only. Limits approved by design.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com