Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020PFC Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB6020PFC
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020PFC Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB6020PFC Datasheet HTML 7Page - Texas Instruments TUSB6020PFC Datasheet HTML 8Page - Texas Instruments TUSB6020PFC Datasheet HTML 9Page - Texas Instruments TUSB6020PFC Datasheet HTML 10Page - Texas Instruments TUSB6020PFC Datasheet HTML 11Page - Texas Instruments TUSB6020PFC Datasheet HTML 12Page - Texas Instruments TUSB6020PFC Datasheet HTML 13Page - Texas Instruments TUSB6020PFC Datasheet HTML 14Page - Texas Instruments TUSB6020PFC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
Power-On Reset
Device Power States
RESET State
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170E – JANUARY 2007 – REVISED MARCH 2008
The system reset function ensures an orderly start-up sequence for the TUSB6020. There is one active-low
external system reset (RSTn) input . The reset initializes the power/reset/clock manager (PRCM) module, which
in turn generates all the internal resets to initialize USB 2.0 OTG PHY macro and synchronous logic in the core.
While reset is asserted (active low), dual functional pins are sampled to determine device configuration after
reset. Since the TUSB6020 relies on dual function pins to configure the device during reset, the reset must be
sufficiently long for (external) marginal pullup/pulldown to achieve the intended levels. Reset pulse duration
should be at least three times actual RC constant time (with typical 22 k
Ω marginal pull-up resistor with 50-pF
load, reset pulse should be at least 3.3
µs). All functional pins remain in the same state even after RSTn is
deasserted and stay in that state until the internal core reset is cleared. The internal core reset is held for 16
system clock cycles following the low-to-high RSTn transition. Upon power-on reset, the system reference clock
source and the active external host interface must be determined for proper device initialization.
Table 1. Dual-Function GPIOs
EXTERNAL PIN
FUNCTION
DESCRIPTION
Determines the system reference clock source:
GPIO6
Reference clock source select
0 – XI (24 MHz)
1 – CLKIN (19.2 MHz)Dual
Determines the external host interface type:
GPIO7
External host interface select
0 – VLYNQ host interface
1 – Reserved
The TUSB6020 uses dual-mode pins to determine initial setup. Dual-function pins are latched during the reset.
After the reset, these terminals assumes the normal functionality. Figure 1 shows the power-up sequence.
Upon exiting reset, the USB 2.0 OTG PHY is not in the suspend state and the clocks are enabled and free
running. The USB 2.0 HS OTG dual role controller core powers up without a session enabled, thus the state
machines are in the idle state. After reset is deasserted, the TUSB6020 sends an interrupt to the external host to
indicate that it is ready to be programmed. The host reads registers and decides how to proceed based on the
device’s current status.
The TUSB6020 has three device states typically entered under normal operation:
• RESET
• IDLE
• NORMAL (ACTIVE)
The device is in the RESET state when the RSTn input signal is driven low. In RESET state:
• All output ports are tri-stated or initialized to inactive state.
• All bidirectional ports are configured as inputs.
• All registers are set to their reset value.
• PHY macro is enabled and its reference clock output is active.
The TUSB6020 always enters the RESET state asynchronously, but exits the state synchronously. System reset
deassertion is always synchronized with active system clock. Upon asserted system reset, the device requires an
active system clock to exit the RESET state.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TUSB6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com