Electronic Components Datasheet Search
  English  ▼

X  

LT1077 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1077 Datasheet HTML 4Page - Linear Technology LT1077 Datasheet HTML 5Page - Linear Technology LT1077 Datasheet HTML 6Page - Linear Technology LT1077 Datasheet HTML 7Page - Linear Technology LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology LT1077 Datasheet HTML 10Page - Linear Technology LT1077 Datasheet HTML 11Page - Linear Technology LT1077 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1077
1077fa
TYPICAL PERFOR A CE CHARACTERISTICS
Minimum Supply Voltage
Output Voltage Swing vs
Load Current
Voltage Gain vs Load Resistance
Short-Circuit Current vs
Time
Warm-Up Drift
Output Saturation vs Temperature
vs Sink Current
Undistorted Output Swing
vs Frequency
Closed Loop Output
Impedance
Common Mode Range vs
Temperature
POSITIVE SUPPLY VOLTAGE (V)
0
–100
0
100
LT1077 • TPC19
–200
–300
1
23
–400
–500
V – = 0V
– 0.1 ≤ VCM ≤ 0.4V
70°C
25°C
0°C
–55°C
125°C
NON
FUNCTIONAL
TIME AFTER POWER ON (MINUTES)
0
0.4
LT1077 • TPC20
0.2
0
12
0.6
0.8
3
VS = ±15V
TA = 25°C
WARM UP DRIFT
AT VS = 5V, 0V IS
IMMEASURABLY LOW
LOAD RESISTANCE TO GROUND (Ω)
100
1k
100k
100k
1M
10M
10k
1M
LT1077 • TPC21
VS = ±15V
1. 25°C
2. –55°C
3. 125°C
1
2
3
4
5
6
VS = 5V, 0V
4. –55°C
5. 25°C
6. 125°C
TEMPERATURE (°C)
–50
–25
10
100
1000
025
50
75
100
125
LT1077 • TPC22
0
ISINK = 1mA
ISINK = 100µA
ISINK = 10µA
ISINK = 1µA
NO LOAD
RL = 5k TO GROUND
ISINK = 2mA
VS = 5V, 0V
SOURCING OR SINKING LOAD CURRENT (mA)
0.01
V–
V+ – 2
V+ – 1
V+
0.1
1
10
LT1077 • TPC23
V– + 2
V– + 1
–55°C
–55°C
25°C
125°C
125°C
25°C
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
–10
0
10
LT1077 • TPC24
–20
–30
–40
12
20
30
40
3
TA = 25°C, VS = 5V, 0V
TA = 125°C, VS = 5V, 0V
TA = 25°C, VS = ±15V
TA = 25°C, VS = ±15V
TA = 125°C, VS = ±15V
TA = 125°C, VS = ±15V
TEMPERATURE (°C)
–50
0
50
75
LT1077 • TPC25
–25
25
100
125
V
+ = 2.5V TO 18V
V
– = 0V TO –18V
V– – 1
V+ – 2
V+ – 1
V+
V– + 1
V–
FREQUENCY (Hz)
100
00
1
2
3
4
5
20
30
1k
10k
100k
LT1077 • TPC26
10
TA = 25°C
LOAD RL, TO GROUND
VS = 5V, 0V, RL ≥ 100k
VS = ±15V
RL = 30k
VS = ±15V
RL ≥ 100k
VS = 5V, 0V
RL ≥ 1k
FREQUENCY (Hz)
100
1k
LT1077 • TPC27
10
1
0.1
10
100
10k
100k
1k
AV = 10
AV = 1
AV = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com