Electronic Components Datasheet Search
  English  ▼

X  

LT1077 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology LT1077 Datasheet HTML 10Page - Linear Technology LT1077 Datasheet HTML 11Page - Linear Technology LT1077 Datasheet HTML 12Page - Linear Technology LT1077 Datasheet HTML 13Page - Linear Technology LT1077 Datasheet HTML 14Page - Linear Technology LT1077 Datasheet HTML 15Page - Linear Technology LT1077 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1077
1077fa
PACKAGE DESCRIPTIO
H Package
8-Lead TO-5 Metal Can (.200 Inch PCD)
(Reference LTC DWG # 05-08-1320)
OBSOLETE PACKAGES
J8 Package
8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
J8 0801
.014 – .026
(0.360 – 0.660)
.200
(5.080)
MAX
.015 – .060
(0.381 – 1.524)
.125
3.175
MIN
.100
(2.54)
BSC
.300 BSC
(7.62 BSC)
.008 – .018
(0.203 – 0.457)
0° – 15°
.005
(0.127)
MIN
.405
(10.287)
MAX
.220 – .310
(5.588 – 7.874)
12
3
4
87
65
.025
(0.635)
RAD TYP
.045 – .068
(1.143 – 1.650)
FULL LEAD
OPTION
.023 – .045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
.045 – .065
(1.143 – 1.651)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
.050
(1.270)
MAX
.016 – .021**
(0.406 – 0.533)
.010 – .045*
(0.254 – 1.143)
SEATING
PLANE
.040
(1.016)
MAX
.165 – .185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
.500 – .750
(12.700 – 19.050)
.305 – .335
(7.747 – 8.509)
.335 – .370
(8.509 – 9.398)
DIA
.200
(5.080)
TYP
.027 – .045
(0.686 – 1.143)
.028 – .034
(0.711 – 0.864)
.110 – .160
(2.794 – 4.064)
INSULATING
STANDOFF
45°TYP
H8(TO-5) 0.200 PCD 0801
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND THE SEATING PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
.016 – .024
(0.406 – 0.610)
*
**
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com