Electronic Components Datasheet Search
  English  ▼

X  

LT1077 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1077 Datasheet HTML 7Page - Linear Technology LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology LT1077 Datasheet HTML 10Page - Linear Technology LT1077 Datasheet HTML 11Page - Linear Technology LT1077 Datasheet HTML 12Page - Linear Technology LT1077 Datasheet HTML 13Page - Linear Technology LT1077 Datasheet HTML 14Page - Linear Technology LT1077 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1077
1077fa
Comparator Applications
The single supply operation of the LT1077 and its
ability to swing close to ground while sinking current,
Comparator Rise Response Time
to 10mV, 5mV, 2mV Overdrive
Comparator Fall Response Time
to 10mV, 5mV, 2mV Overdrive
TYPICAL APPLICATIO S
Megaohm Input Impedance
Gain of 10 Difference Amplifier
OUTPUT
0.005 TO 2.4V
BANDWIDTH =
OUTPUT OFFSET =
OUTPUT NOISE =
SUPPLY CURRENT =
20KHZ
0.7mV
80µVPP (0.1Hz TO 10Hz)
260µVRMS OVER FULL BANDWIDTH
45µA
THE USEFULNESS OF DIFFERENCE AMPLIFIERS IS LIMITED BY THE FACT
THAT THE INPUT RESISTANCE IS EQUAL TO THE SOURCE RESISTANCE.
THE PICO-AMPERE OFFSET CURRENT AND LOW CURRENT NOISE OF THE LT1077
ALLOWS THE USE OF 1M SOURCE RESISTORS WITHOUT DEGRADATION IN
PERFORMANCE. IN ADDITION, WITH MEGAOHM RESISTORS MICROPOWER
OPERATION CAN BE MAINTAINED
6
7
4
2
3
3V
10M
10M
1M
1M
INPUT
–
+
LT1077 • TA03
lends itself to use as a precision comparator with
TTL compatible output.
200µs/DIV
0
0
2
4
–100
200µs/DIV
0
0
2
4
100
VS = 5V, 0V
VS = 5V, 0V
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com