Electronic Components Datasheet Search
  English  ▼

X  

LT1077 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1077 Datasheet HTML 2Page - Linear Technology LT1077 Datasheet HTML 3Page - Linear Technology LT1077 Datasheet HTML 4Page - Linear Technology LT1077 Datasheet HTML 5Page - Linear Technology LT1077 Datasheet HTML 6Page - Linear Technology LT1077 Datasheet HTML 7Page - Linear Technology LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology LT1077 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1077
1077fa
0.1Hz to 10Hz Noise
Supply Current vs Temperature
0.01Hz to 10Hz Noise
Input Bias Currents vs
Common Mode Voltage
Noise Spectrum
10Hz Voltage Noise Distribution
Distribution of Offset Voltage Drift
with Temperature (In All Packages)
Input Bias and Offset Currents
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Distribution of Input Offset Voltage
in Small Outline (S8) Package
TEMPERATURE (˚C)
–50
60
25
75
LT1077 • TPC01
50
–25
0
50
100
125
40
VS = ±15V
VS = 5V, 0V
TEMPERATURE (°C)
–50
–8
–6
50
0
50
75
LT1077 • TPC02
–7
75
100
–25
25
100
125
VS = 5V, 0V TO ±15V
IOS
IB
COMMON MODE VOLTAGE (V)
–1
–13
–11
–9
–7
–5
–3
–1
012
3
LT1077 • TPC03
4
TA = 55°C
TA = 125°C
VS = 5V, 0V
TA = 25°C
TIME (SECONDS)
0
8
LT1077 • TPC04
2
4
6
10
VS = ± 2.5V
TA = 2.5°C
TIME (SECONDS)
0
80
LT1077 • TPC05
20
40
60
100
VS = ± 2.5V
TA = 2.5°C
FREQUENCY (Hz)
0.1
10
100
30
300
1000
10
1000
1
100
LT1077 • TPC06
VS = ± 2.5V
TA = 25°C
(AT VS = ±15V
VOLTAGE NOISE
IS 4% LESS
CURRENT NOISE
IS UNCHANGED
CURRENT
NOISE
VOLTAGE
NOISE
1/f CORNER
0.7Hz
VOLTAGE NOISE DENSITY (nV/√Hz)
25
35
30
25
20
15
10
5
0
LT1077 • TPC07
30
35
40
VS = ± 2.5V
TA = 2.5°C
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (nV/°C)
0
20
–2.0
0
1.0
LT1077 • TPC08
10
30
2.0
–1.0
VS = 5V, 0V
VCM = 0.1V
400 UNITS TESTED
(100 IN EACH PACKAGE)
INPUT OFFSET VOLTAGE (µV)
–150
0
10
30
40
50
70
–120
0
60
LT1077 • TPC09
20
60
–30
120 150
–90 –60
30
90
456 UNITS
TESTED
VS = 5V, 0V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com