Electronic Components Datasheet Search
  English  ▼

X  

14682 Datasheet(PDF) 1 Page - Linear Technology

Part # 14682
Description  200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

14682 Datasheet(HTML) 1 Page - Linear Technology

  14682 Datasheet HTML 1Page - Linear Technology 14682 Datasheet HTML 2Page - Linear Technology 14682 Datasheet HTML 3Page - Linear Technology 14682 Datasheet HTML 4Page - Linear Technology 14682 Datasheet HTML 5Page - Linear Technology 14682 Datasheet HTML 6Page - Linear Technology 14682 Datasheet HTML 7Page - Linear Technology 14682 Datasheet HTML 8Page - Linear Technology 14682 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1468-2
1
14682f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
200MHz, 30V/µs
16-Bit Accurate
AV ≥ 2 Op Amp
The LT®1468-2 is a precision high speed operational ampli-
fier with 16-bit accuracy, decompensated to be stable in a
gain of 2 or greater. The combination of precision and AC
performance makes the LT1468-2 the optimum choice for
high accuracy applications such as DAC current-to-voltage
conversion and ADC buffers. The initial accuracy and drift
characteristics of the input offset voltage and inverting input
bias current are tailored for inverting applications.
The 200MHz gain bandwidth ensures high open-loop gain
at frequency for reducing distortion. In noninverting ap-
plications such as an ADC buffer, the low distortion and
DC accuracy allow full 16-bit AC and DC performance.
The high slew rate of the LT1468-2 improves large-signal
performance in applications such as active filters and
instrumentation amplifiers compared to other precision
op amps.
The LT1468-2 is specified on power supply voltages of
±5V and ±15V and from –40°C to 85°C. For a unity-gain
stable op amp with same DC performance, see the LT1468
datasheet.
16-Bit DAC I-to-V Converter
n Stable in Gain AV ≥ 2 (AV = –1)
n 200MHz Gain Bandwidth Product
n 30V/μs Slew Rate
n Settling Time: 800ns (10V Step, 150μV)
n Specified at ±5V and ±15V Supplies
n Low Distortion, – 96.5dB for 100kHz, 10VP-P
n Maximum Input Offset Voltage: 75μV
n Maximum Input Offset Voltage Drift: 2μV/°C
n Maximum (–) Input Bias Current: 10nA
n Minimum DC Gain: 1000V/mV
n Minimum Output Swing into 2k: ±12.8V
n Input Noise Voltage: 5nV/√Hz
n Input Noise Current: 0.6pA/√Hz
n Total Input Noise Optimized for 1k < RS < 20k
n Available in an 8-Lead Plastic SO Package
and 8-Lead DFN Package
n 16-Bit DAC Current-to-Voltage Converter
n Precision Instrumentation
n ADC Buffer
n Low Distortion Active Filters
n High Accuracy Data Acquisition Systems
n Photodiode Amplifiers
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Large Signal Transient, AV = –1
20pF
6k
LTC
®1597
LT1468-2
16
DAC
INPUTS
+
–
OFFSET: VOS + IB (6kΩ) < 1LSB
SETTLING TIME TO 150μV = 1.6μs
SETTLING LIMITED BY 6k AND 20pF TO COMPENSATE DAC OUTPUT CAPACITANCE
VOUT
2k
50pF
OPTIONAL NOISE FILTER
14682 TA01
200ns/DIV
10V
14682 TA02
0V
VS = ±15V
AV = –1
RF = RG = 2k
CF = 22pF
2V/DIV


Similar Part No. - 14682

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1468 POMONA-1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
logo
3M Electronics
1468 3M-1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
22-May-2002
logo
List of Unclassifed Man...
1468-1 ETC2-1468-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1468-1 KEYSTONE-1468-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1468-2 ETC2-1468-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
More results

Similar Description - 14682

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
logo
Micrel Semiconductor
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469-2 LINER-LT1469-2 Datasheet
190Kb / 12P
Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
logo
Micrel Semiconductor
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
200MHz Low-Power SOT23-5 Op Amp
logo
Linear Technology
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
200MHz, 30V/s 16-Bit Accurate
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
Dual 200MHz, 30V/s 16-Bit Accurate
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT6274 LINER-LT6274 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com