Electronic Components Datasheet Search
  English  ▼

X  

14682 Datasheet(PDF) 4 Page - Linear Technology

Part # 14682
Description  200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

14682 Datasheet(HTML) 4 Page - Linear Technology

  14682 Datasheet HTML 1Page - Linear Technology 14682 Datasheet HTML 2Page - Linear Technology 14682 Datasheet HTML 3Page - Linear Technology 14682 Datasheet HTML 4Page - Linear Technology 14682 Datasheet HTML 5Page - Linear Technology 14682 Datasheet HTML 6Page - Linear Technology 14682 Datasheet HTML 7Page - Linear Technology 14682 Datasheet HTML 8Page - Linear Technology 14682 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1468-2
4
14682f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 0°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
S8 Package
±15V
±5V
●
●
230
330
μV
μV
LT1468A, DD Package
±15V
±5V
●
●
230
330
μV
μV
LT1468, DD Package
±15V
±5V
●
●
400
500
μV
μV
Input VOS Drift
(Note 7)
±5V to ±15V
●
0.7
2.5
μV/°C
IOS
Input Offset Current
±5V to ±15V
●
80
nA
Input Offset Current Drift
±5V to ±15V
120
pA/°C
IB–
Inverting Input Bias Current
±5V to ±15V
●
±30
nA
Negative Input Current Drift
±5V to ±15V
80
pA/°C
IB+
Noninverting Input Bias Current
±5V to ±15V
●
±60
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
VCM = ±2.5V
±15V
±5V
●
●
92
92
dB
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
●
96
dB
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
Input VOS Drift
(Note 7)
±5V to ±15V
●
0.7
2.0
μV/°C
IOS
Input Offset Current
±5V to ±15V
●
65
nA
Input Offset Current Drift
±5V to ±15V
60
pA/°C
IB–
Inverting Input Bias Current
±5V to ±15V
●
±15
nA
Negative Input Current Drift
±5V to ±15V
40
pA/°C
IB+
Noninverting Input Bias Current
±5V to ±15V
●
±50
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
VCM = ±2.5V
±15V
±5V
●
●
94
94
dB
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
●
98
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12.5V, RL = 10k
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 10k
VOUT = ±2.5V, RL = 2k
±15V
±15V
±5V
±5V
●
●
●
●
500
250
500
250
V/mV
V/mV
V/mV
V/mV
VOUT
Output Swing
RL = 10k
RL = 2k
RL = 10k
RL = 2k
±15V
±15V
±5V
±5V
●
●
●
●
±12.9
±12.7
±2.9
±2.7
V
V
V
V
IOUT
Output Current
VOUT = ±12.5V
VOUT = ±2.5V
±15V
±5V
●
●
±12.5
±12.5
mA
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±0.2V
±15V
●
±17
mA
SR
Slew Rate
RL = 2k (Note 5)
±15V
±5V
●
●
18
13
V/μs
V/μs
GBW
Gain Bandwidth
f = 100kHz, RL = 2k
±15V
±5V
●
●
130
120
200
190
MHz
MHz
IS
Supply Current
±15V
±5V
●
●
6.5
6.3
mA
mA
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
–40°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com