Electronic Components Datasheet Search
  English  ▼

X  

14682 Datasheet(PDF) 3 Page - Linear Technology

Part # 14682
Description  200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

14682 Datasheet(HTML) 3 Page - Linear Technology

  14682 Datasheet HTML 1Page - Linear Technology 14682 Datasheet HTML 2Page - Linear Technology 14682 Datasheet HTML 3Page - Linear Technology 14682 Datasheet HTML 4Page - Linear Technology 14682 Datasheet HTML 5Page - Linear Technology 14682 Datasheet HTML 6Page - Linear Technology 14682 Datasheet HTML 7Page - Linear Technology 14682 Datasheet HTML 8Page - Linear Technology 14682 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1468-2
3
14682f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
IB–
Inverting Input Bias Current
±5V to ±15V
3
±10
nA
IB+
Noninverting Input Bias Current
±5V to ±15V
–10
±40
nA
Input Noise Voltage
0.1Hz to 10Hz
±5V to ±15V
0.3
μVP-P
en
Input Noise Voltage
f = 10kHz
±5V to ±15V
5
nV/√Hz
in
Input Noise Voltage
f = 10kHz
±5V to ±15V
0.6
pA/√Hz
RIN
Input Resistance
VCM = ±12.5V
Differential
±15V
±15V
100
50
240
150
MΩ
kΩ
CIN
Input Capacitance
±15V
4
pF
Input Voltage Range +
±15V
±5V
12.5
2.5
13.5
3.5
V
V
Input Voltage Range –
±15V
±5V
–14.3
–4.3
–12.5
–2.5
V
V
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
VCM = ±2.5V
±15V
±5V
96
96
110
112
dB
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
100
112
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12.5V, RL = 10k
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 10k
VOUT = ±2.5V, RL = 2k
±15V
±15V
±5V
±5V
1000
500
1000
500
9000
5000
6000
3000
V/mV
V/mV
V/mV
V/mV
VOUT
Output Swing
RL = 10k
RL = 2k
RL = 10k
RL = 2k
±15V
±15V
±5V
±5V
±13.0
±12.8
±3.0
±2.8
±13.6
±13.5
±3.6
±3.5
V
V
V
V
IOUT
Output Current
VOUT = ±12.5V
VOUT = ±2.5V
±15V
±5V
±15
±15
±22
±22
mA
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±0.2V
±15V
±25
±40
mA
SR
Slew Rate
RL = 2k (Note 5)
±15V
±5V
20
15
30
22
V/μs
V/μs
Full-Power Bandwidth
10V Peak, (Note 6)
3V Peak, (Note 6)
±15V
±5V
475
1160
kHz
kHz
GBW
Gain Bandwidth
f = 100kHz, RL = 2k
±15V
±5V
140
130
200
190
MHz
MHz
ts
Settling Time
10V Step, 0.01%, AV = –1
10V Step, 150μV, AV = –1
5V Step, 0.01%, AV = –1
±15V
±15V
±5V
650
800
550
ns
ns
ns
RO
Output Resistance
AV = –1, f = 100kHz
±15V
0.02
Ω
IS
Supply Current
±15V
±5V
3.9
3.6
5.2
5.0
mA
mA
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
0°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
S8 Package
±15V
±5V
●
●
150
250
μV
μV
LT1468A, DD Package
±15V
±5V
●
●
150
250
μV
μV
LT1468, DD Package
±15V
±5V
●
●
300
400
μV
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com