Electronic Components Datasheet Search
  English  ▼

X  

14682 Datasheet(PDF) 2 Page - Linear Technology

Part # 14682
Description  200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

14682 Datasheet(HTML) 2 Page - Linear Technology

  14682 Datasheet HTML 1Page - Linear Technology 14682 Datasheet HTML 2Page - Linear Technology 14682 Datasheet HTML 3Page - Linear Technology 14682 Datasheet HTML 4Page - Linear Technology 14682 Datasheet HTML 5Page - Linear Technology 14682 Datasheet HTML 6Page - Linear Technology 14682 Datasheet HTML 7Page - Linear Technology 14682 Datasheet HTML 8Page - Linear Technology 14682 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1468-2
2
14682f
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V –).................................36V
Maximum Input Current (Note 2)...........................10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range ................. –40°C to 85°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1468CS8-2#PBF
LT1468CS8-2#TRPBF
14682
8-Lead Plastic Small Outline
0°C to 70°C
LT1468IS8-2#PBF
LT1468IS8-2#TRPBF
14682
8-Lead Plastic Small Outline
–40°C to 85°C
LT1468ACDD-2#PBF
LT1468ACDD-2#TRPBF
LDSY
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LT1468AIDD-2#PBF
LT1468AIDD-2#TRPBF
LDSY
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT1468CDD-2#PBF
LT1468CDD-2#TRPBF
LDSY
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LT1468IDD-2#PBF
LT1468IDD-2#TRPBF
LDSY
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
S8 Package
±15V
±5V
30
50
75
175
μV
μV
LT1468A, DD Package
±15V
±5V
30
50
75
175
μV
μV
LT1468, DD Package
±15V
±5V
100
150
200
300
μV
μV
IOS
Input Offset Current
±5V to ±15V
13
50
nA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0V unless otherwise noted.
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NULL
–IN
+IN
V–
DNC*
V+
OUT
NULL
+
–
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD IS INTERNALLY CONNECTED TO V–
1
2
3
4
8
7
6
5
TOP VIEW
*DO NOT CONNECT
S8 PACKAGE
8-LEAD PLASTIC SO
NULL
–IN
+IN
V–
DNC*
V+
VOUT
NULL
TJMAX = 150°C, θJA = 190°C/W
PIN CONFIGURATION
Specified Temperature Range (Note 4) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
for S8 Only........................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com