Electronic Components Datasheet Search
  English  ▼

X  

ERT801 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # ERT801
Description  surface-mount LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT801 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button ERT801 Datasheet HTML 2Page - Seoul Semiconductor ERT801 Datasheet HTML 3Page - Seoul Semiconductor ERT801 Datasheet HTML 4Page - Seoul Semiconductor ERT801 Datasheet HTML 5Page - Seoul Semiconductor ERT801 Datasheet HTML 6Page - Seoul Semiconductor ERT801 Datasheet HTML 7Page - Seoul Semiconductor ERT801 Datasheet HTML 8Page - Seoul Semiconductor ERT801 Datasheet HTML 9Page - Seoul Semiconductor ERT801 Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
5.outline dimension
2.8
2.2
0.8
1.9
0.15
Cathode Mark
Anode
Cathode
Recommended Solder Pattern
2.2
6. packing
8°
1.0±0.1
3.1±0.1
2.0±0.05
4.0±0.1
1.5 5 ± 0 .05
0.22 ±0 .05
2.22±0.1
0.2
2.0 ±
30°
-3
+0
±0.2
LABLE
11.4
0.3
9.0 ±
±0.1
180
13
10
22
( Tolerance: ±0.2, Unit: mm )
(1) Quantity : 2000pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from
the carrier tape at the angle of 10º to the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com