Electronic Components Datasheet Search
  English  ▼

X  

ERT801 Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # ERT801
Description  surface-mount LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT801 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button ERT801 Datasheet HTML 2Page - Seoul Semiconductor ERT801 Datasheet HTML 3Page - Seoul Semiconductor ERT801 Datasheet HTML 4Page - Seoul Semiconductor ERT801 Datasheet HTML 5Page - Seoul Semiconductor ERT801 Datasheet HTML 6Page - Seoul Semiconductor ERT801 Datasheet HTML 7Page - Seoul Semiconductor ERT801 Datasheet HTML 8Page - Seoul Semiconductor ERT801 Datasheet HTML 9Page - Seoul Semiconductor ERT801 Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
8. precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desicator) with a
desiccant. Otherwise, to store them in the following
environment is recommended.
Temperature : 5ºC ~30ºC Humidity : maximum 70%RH
(2) Attention after open.
LED is correspond to SMD, when LED be soldered dip, interfacial separation may
affect the light transmission efficiency, causing the light intensity to drop. Attention
in followed; Keeping of a fraction
Temperature : 5 ~ 40ºC Humidity : less than 10%
(3) In the case of more than 1 week passed after opening or change color of
indicator on desiccant, components shall be dried 10-12hr. at 60±5ºC.
(4) Any mechanical force or any excess vibration shall not be accepted to apply
during cooling process to normal temperature after soldering.
(5) Quick cooling shall be avoided.
(6) Components shall not be mounted on warped direction of PCB.
(7) Anti radioactive ray design is not considered for the products.
(8) This device should not be used in any type of fluid such as water, oil, organic
solvent etc. When washing is required, IPA should be used.
(9) When the LEDs are illuminating, operating current should be decided after
considering the ambient maximum temperature.
(10) The LEDs must be soldered within seven days after opening the moisture-proof
packing.
(11) Repack unused products with anti-moisture packing, fold to close any opening
and then store in a dry place.
(12) The appearance and specifications of the product may be modified for
improvement without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com