Electronic Components Datasheet Search
  English  ▼

X  

ERT801 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # ERT801
Description  surface-mount LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT801 Datasheet(HTML) 5 Page - Seoul Semiconductor

  ERT801 Datasheet HTML 1Page - Seoul Semiconductor ERT801 Datasheet HTML 2Page - Seoul Semiconductor ERT801 Datasheet HTML 3Page - Seoul Semiconductor ERT801 Datasheet HTML 4Page - Seoul Semiconductor ERT801 Datasheet HTML 5Page - Seoul Semiconductor ERT801 Datasheet HTML 6Page - Seoul Semiconductor ERT801 Datasheet HTML 7Page - Seoul Semiconductor ERT801 Datasheet HTML 8Page - Seoul Semiconductor ERT801 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
2. Absolute maximum ratings
oC
-40 ~ +100
T
stg
Storage Temperature
oC
-40 ~ +100
T
opr
Operating Temperature
V
5
V
R
Reverse Voltage
mA
90
I
FM
*2
Peak Forward Current
mA
30
I
F
Forward Current
mW
80
P
d
Power Dissipation
Unit
Value
Symbol
Parameter
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 IFM was measured at TW ≤ 1msec of pulse width and D ≤ 1/10 of duty ratio.
3. Electric characteristics
deg.
-
120
-
I
F =20mA
2
θ
½
Viewing Angle *2
nm
-
18
-
I
F =20mA
∆λ
Spectral Bandwidth 50%
nm
640
635
630
I
F =20mA
λ
d
Dominant Wavelength
nm
-
650
-
I
F =20mA
λ
P
Peak Wavelength
mcd
130
90
50
I
F =20mA
I
V
Luminance Intensity *1
µA
10
-
-
V
R=5V
I
R
Reverse Current
V
2.3
2.0
1.7
I
F =20mA
V
F
Forward Voltage
Unit
Max
Typ
Min
Condition
Symbol
Parameter
*1. The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of
the LED package. Luminous Intensity Measurement allowance is ±10%
*2. 2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com