Electronic Components Datasheet Search
  English  ▼

X  

ERT801 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # ERT801
Description  surface-mount LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT801 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button ERT801 Datasheet HTML 2Page - Seoul Semiconductor ERT801 Datasheet HTML 3Page - Seoul Semiconductor ERT801 Datasheet HTML 4Page - Seoul Semiconductor ERT801 Datasheet HTML 5Page - Seoul Semiconductor ERT801 Datasheet HTML 6Page - Seoul Semiconductor ERT801 Datasheet HTML 7Page - Seoul Semiconductor ERT801 Datasheet HTML 8Page - Seoul Semiconductor ERT801 Datasheet HTML 9Page - Seoul Semiconductor ERT801 Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
●
Reel Packing Structure
c
a
b
1 SIDE
7inch 245 220
142
SIZE (mm)
Outer Box Structure
Material : Paper(SW3B(B))
TYPE
a
b
c
1
HUMIDITY INDICATOR
Aluminum Vinyl Bag
Reel
DESI PAK
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com