Electronic Components Datasheet Search
  English  ▼

X  

F71883 Datasheet(PDF) 91 Page - Feature Integration Technology Inc.

Part # F71883
Description  Super Hardware Monitor LPC I/O
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71883 Datasheet(HTML) 91 Page - Feature Integration Technology Inc.

Back Button F71883 Datasheet HTML 87Page - Feature Integration Technology Inc. F71883 Datasheet HTML 88Page - Feature Integration Technology Inc. F71883 Datasheet HTML 89Page - Feature Integration Technology Inc. F71883 Datasheet HTML 90Page - Feature Integration Technology Inc. F71883 Datasheet HTML 91Page - Feature Integration Technology Inc. F71883 Datasheet HTML 92Page - Feature Integration Technology Inc. F71883 Datasheet HTML 93Page - Feature Integration Technology Inc. F71883 Datasheet HTML 94Page - Feature Integration Technology Inc. F71883 Datasheet HTML 95Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 133 page
background image
May, 2008
V0.27P
-85-
F71883
3-0
FAN1_STOP_DUTY
R/W
5h
When fan start, the FAN_CTRL 1 will increase duty-cycle from 0 to this
(value x 8 directly. And if fan speed is down, the FAN_CTRL 1 will
decrease duty-cycle to 0 when the PWM duty cycle is less than this (value
x 4).
8.6.2.37 FAN3 and FAN4 START UP DUTY-CYCLE/VOLTAGE
 Index 9Dh
Bit
Name
R/W Default
Description
7-4
FAN4_STOP_DUTY
R/W
5h
When fan start, the FAN_CTRL 4 will increase duty-cycle from 0 to this
(value x 8) directly. And if fan speed is down, the FAN_CTRL 4 will
decrease duty-cycle to 0 when the PWM duty cycle is less than this (value
x 4).
3-0
FAN3_STOP_DUTY
R/W
5h
When fan start, the FAN_CTRL 3 will increase duty-cycle from 0 to this
(value x 8 directly. And if fan speed is down, the FAN_CTRL 3 will
decrease duty-cycle to 0 when the PWM duty cycle is less than this (value
x 4).
8.6.2.38 Fan Fault Time Register -- Index 9Fh
Bit
Name
R/W Default
Description
7-5
Reserved
--
--
Reservd
4
FULL_DUTY_SEL
R/W
--
0: the full duty is 100%.
1: the full duty is 60% (default).
This register is power on trap by DTR1#.
3-0
F_FAULT_TIME
R/W
Ah
This register determines the time of fan fault. The condition to cause fan
fault event is:
When PWM_Duty reaches FFh, if the fan speed count can’t reach the fan
expect count in time.
The unit of this register is 1 second. The default value is 11 seconds.
(Set to 0 , means 1 seconds. ; Set to 1, means 2 seconds.
Set to 2, means 3 seconds. …. )
Another condition to cause fan fault event is fan stop and the PWM duty is
greater than the minimum duty programmed by the register index 9C-9Dh.
Fan1 Index A0h- AFh
Address
Attribute
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com