Electronic Components Datasheet Search
  English  ▼

X  

F71883 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F71883
Description  Super Hardware Monitor LPC I/O
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71883 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F71883 Datasheet HTML 12Page - Feature Integration Technology Inc. F71883 Datasheet HTML 13Page - Feature Integration Technology Inc. F71883 Datasheet HTML 14Page - Feature Integration Technology Inc. F71883 Datasheet HTML 15Page - Feature Integration Technology Inc. F71883 Datasheet HTML 16Page - Feature Integration Technology Inc. F71883 Datasheet HTML 17Page - Feature Integration Technology Inc. F71883 Datasheet HTML 18Page - Feature Integration Technology Inc. F71883 Datasheet HTML 19Page - Feature Integration Technology Inc. F71883 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 133 page
background image
May, 2008
V0.27P
-10-
F71883
description of the parallel port for the definition of this
pin in ECP and EPP mode.
106
ERR#
INts5v
VCC
An active low input on this pin indicates that the printer
has encountered an error condition. Refer to the
description of the parallel port for the definition of this
pin in ECP and EPP mode.
107
AFD#
OD12-5v
VCC
An active low output from this pin causes the printer to
auto feed a line after a line is printed. Refer to the
description of the parallel port for the definition of this
pin in ECP and EPP mode.
108
STB#
OD12-5v
VCC
An active low output is used to latch the parallel data
into the printer. Refer to the description of the parallel
port for the definition of this pin in ECP and EPP mode.
109
PD0
I/O12ts5v
VCC
Parallel port data bus bit 0. Refer to the description of
the parallel port for the definition of this pin in ECP and
EPP mode.
110
PD1
I/O12ts5v
VCC
Parallel port data bus bit 1.
111
PD2
I/O12ts5v
VCC
Parallel port data bus bit 2.
112
PD3
I/O12ts5v
VCC
Parallel port data bus bit 3.
113
PD4
I/O12ts5v
VCC
Parallel port data bus bit 4.
114
PD5
I/O12ts5v
VCC
Parallel port data bus bit 5.
115
PD6
I/O12ts5v
VCC
Parallel port data bus bit 6.
116
PD7
I/O12ts5v
VCC
Parallel port data bus bit 7.
6.6
Hardware Monitor
Pin No.
Pin Name
Type
PWR
Description
93-97
VIN6~VIN2
AIN
VCC
Voltage Input 2 ~ 6.
98
Vcore(VIN1)
AIN
VCC
Voltage Input for Vcore.
21
FANIN1
INts5v
VCC
Fan 1 tachometer input.
22
FANCTL1
OD12-5v
AOUT
VCC
Fan 1 control output. This pin provides PWM
duty-cycle output or a voltage output.
23
FANIN2
INts54v
VCC
Fan 2 tachometer input.
24
FANCTL2
OD12-5v
AOUT
VCC
Fan 2 control output. This pin provides PWM
duty-cycle output or a voltage output.
FANIN3
INts5v
Fan 3 speed input.
25
GPIO40
I/OOD12t
VCC
General purpose IO.
FANCTL3
OD12-5V
AOUT
Fan 3 control output. This pin provides PWM
duty-cycle output or a voltage output.
*This pin default function is FANCTL (PWM signal
output), please take care the application if user want to
implement GPIO function.
26
GPIO41
I/OOD12t
VCC
General purpose IO.
89
D3+(System)
AIN
VCC
Thermal diode/transistor temperature sensor input for
system use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com