| Electronic Components Datasheet Search |
|
F71883 Datasheet(PDF) 21 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F71883 Datasheet(HTML) 21 Page - Feature Integration Technology Inc. |
|
21 / 133 page ![]() May, 2008 V0.27P -15- F71883 Status Register A (PS/2 mode) Base + 0 Bit Name R/W Default Description 7 INTPEND R 0 This bit indicates the state of the interrupt output. 6 DRV2_N R - 0: a second drive has been installed. 1: a second drive has not been installed. 5 STEP R 0 This bit indicates the complement of STEP# disk interface output. 4 TRK0_N R - This bit indicates the state of TRK0# disk interface input. 3 HDSEL R 0 This bit indicates the complement of HDSEL# disk interface output. 0: side 0. 1: side 1. 2 INDEX_N R - This bit indicates the state of INDEX# disk interface input. 1 WPT_N R - This bit indicates the state of WPT# disk interface input. 0: disk is write-protected. 1: disk is not write-protected. 0 DIR R 0 This bit indicates the complement of DIR# disk interface output. Status Register A (Model 30 mode) Base + 0 Bit Name R/W Default Description 7 INTPEND R 0 This bit indicates the state of the interrupt output. 6 DRQ R 0 This bit indicates the state of the DRQ signal. 5 STEP_FF R 0 This bit indicates the complement of latched STEP# disk interface output. 4 TRK0 R - This bit indicates the complement of TRK0# disk interface input. 3 HDSEL_N R 1 This bit indicates the state of HDSEL# disk interface output. 0: side 0. 1: side 1. 2 INDEX R - This bit indicates the complement of INDEX# disk interface input. 1 WPT R - This bit indicates the complement of WPT# disk interface input. 0: disk is write-protected. 1: disk is not write-protected. 0 DIR_N R 1 This bit indicates the state of DIR# disk interface output. 0: head moves in inward direction. 1: head moves in outward direction. Status Register B (PS/2 Mode) Base + 1 Bit Name R/W Default Description 7-6 Reserved R 11 Reserved. Return 11b when read. 5 DR0 R 0 Drive select 0. This bit reflects the bit 0 of Digital Output Register. 4 WDATA R 0 This bit changes state at every rising edge of WDATA#. 3 RDATA R 0 This bit changes state at every rising edge of RDATA#. 2 WGATE R 0 This bit indicates the complement of WGATE# disk interface output. 1 MOTEN1 R 0 This bit indicates the complement of MOB# disk interface output. Not support in this design. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |