Electronic Components Datasheet Search
  English  ▼

X  

F71883 Datasheet(PDF) 3 Page - Feature Integration Technology Inc.

Part # F71883
Description  Super Hardware Monitor LPC I/O
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71883 Datasheet(HTML) 3 Page - Feature Integration Technology Inc.

  F71883 Datasheet HTML 1Page - Feature Integration Technology Inc. F71883 Datasheet HTML 2Page - Feature Integration Technology Inc. F71883 Datasheet HTML 3Page - Feature Integration Technology Inc. F71883 Datasheet HTML 4Page - Feature Integration Technology Inc. F71883 Datasheet HTML 5Page - Feature Integration Technology Inc. F71883 Datasheet HTML 6Page - Feature Integration Technology Inc. F71883 Datasheet HTML 7Page - Feature Integration Technology Inc. F71883 Datasheet HTML 8Page - Feature Integration Technology Inc. F71883 Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 133 page
background image
May, 2008
V0.27P
F71883
Table of Content
1.
General Description ........................................................................................................................1
2.
Feature List .....................................................................................................................................1
3.
Key Specification............................................................................................................................4
4.
Block Diagram ................................................................................................................................4
5.
Pin Configuration............................................................................................................................5
6.
Pin Description................................................................................................................................5
7.
Function Description.....................................................................................................................14
7.1 Power on Strapping Option.......................................................................................................14
7.2 FDC...........................................................................................................................................14
7.3 UART ........................................................................................................................................28
7.4 Parallel Port...............................................................................................................................32
7.5 Hardware Monitor.....................................................................................................................35
7.6 Keyboard Controller .................................................................................................................45
7.7 SPI Interface..............................................................................................................................46
7.8 80 Port.......................................................................................................................................47
7.9 ACPI Function ..........................................................................................................................47
7.10 AMDSI and Intel SST PECI Function......................................................................................50
8.
Register Description......................................................................................................................51
8.1 Global Control Registers...........................................................................................................55
8.2 FDC Registers (CR00)..............................................................................................................62
8.3 UART1 Registers (CR01) .........................................................................................................65
8.4 UART 2 Registers (CR02) ........................................................................................................66
8.5 Parallel Port Registers (CR03)..................................................................................................68
8.6 Hardware Monitor Registers (CR04)........................................................................................70
8.6.2.1
HW Monitor Config. Register
 Index 01h .....................................................................71
8.6.2.2
BEEP OVT ALERT Config. Register Index 02h...........................................................71
8.6.2.3
Case Open Config. Register Index 03h..........................................................................71
8.6.2.4
PECI AMDSI Select Register Index 0Ah ......................................................................72
8.6.2.5
PECI CPU Select Register Index 0Bh
(MEAS_TYPE == 2’b01)..............................72
8.6.2.6
AMDSI Version Register Index 0Bh
(MEAS_TYPE ==2’b10).................................72
8.6.2.7
TCC Temp. Register Index 0Ch
(MEAS_TYPE == 2’b01) .......................................72
8.6.2.8
AMDSI Node ID Register Index 0Ch
(MEAS_TYPE ==2’b10) ...............................72
8.6.2.9
SST Address Register Index 0Dh ..................................................................................72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com