Electronic Components Datasheet Search
  English  ▼

X  

F75111N Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F75111N
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111N Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F75111N Datasheet HTML 9Page - Feature Integration Technology Inc. F75111N Datasheet HTML 10Page - Feature Integration Technology Inc. F75111N Datasheet HTML 11Page - Feature Integration Technology Inc. F75111N Datasheet HTML 12Page - Feature Integration Technology Inc. F75111N Datasheet HTML 13Page - Feature Integration Technology Inc. F75111N Datasheet HTML 14Page - Feature Integration Technology Inc. F75111N Datasheet HTML 15Page - Feature Integration Technology Inc. F75111N Datasheet HTML 16Page - Feature Integration Technology Inc. F75111N Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
July, 2007
V0.27P
- 11 -
F75111
7.4 Pin mode function select Register – Index 04h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
PIN20_MODE
R/W
VSB3V
0: GPIO27
1: LED27 IN this mode can use REG 0x09(bit7, 6) to select LED
frequency.
6
PIN19_MODE
R/W
VSB3V
0: GPIO15
1: LED15 IN this mode can use REG 0x07(bit3, 2) to select LED
frequency.
5
PIN9_MODE
R/W
VSB3V
0: GPIO14
1: LED14 IN this mode can use REG 0x07(bit1, 0) to select LED
frequency.
4
PIN8_MODE
R/W
VSB3V
0: GPIO22
1: LED22 IN this mode can use REG 0x08(bit5, 4) to select LED
frequency.
3
PIN7_MODE
R/W
VSB3V
0: GPIO21
1: LED21 IN this mode can use REG 0x08(bit3, 2) to select LED
frequency.
2
PIN6_MODE
R/W
VSB3V
0: GPIO20
1: LED20 IN this mode can use REG 0x08(bit1, 0) to select LED
frequency.
1
PIN5_MODE
R/W
VSB3V
0: GPIO17
1: LED17 IN this mode can use REG 0x07(bit7, 6) to select LED
frequency.
0
PIN4_MODE
R/W
VSB3V
0: GPIO16
1: LED16 IN this mode can use REG 0x07(bit5, 4) to select LED
frequency.
7.5 Pin mode function select Register – Index 05h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-4
Reserved
RO
3
PIN24_MODE
R/W
VSB3V
0: GPIO23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com