| Electronic Components Datasheet Search |
|
F75111N Datasheet(PDF) 31 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F75111N Datasheet(HTML) 31 Page - Feature Integration Technology Inc. |
|
31 / 45 page ![]() July, 2007 V0.27P - 29 - F75111 GPIO24 to generate IRQ or SMI#. 3 EN_GP23IRQ R/W VSB3V Enable GPIO23 IRQ or SMI# Generation. If this bit set to 1, enable GPIO23 to generate IRQ or SMI#. 2 EN_GP22IRQ R/W VSB3V Enable GPIO22 IRQ or SMI# Generation. If this bit set to 1, enable GPIO22 to generate IRQ or SMI#. 1 EN_GP21IRQ R/W VSB3V Enable GPIO21 IRQ or SMI# Generation. If this bit set to 1, enable GPIO21 to generate IRQ or SMI#. 0 EN_GP20IRQ R/W VSB3V Enable GPIO20 IRQ or SMI# Generation. If this bit set to 1, enable GPIO20 to generate IRQ or SMI#. 7.34 GP2X Output Driving Enable – Index 0x2B Power-on default [7:0] =0000_0000b Bit Name R/W PWR Description 7 EN_GP27_OBUF R/W VSB3V Enable GPIO27 drive high buffer. If this bit is set to 0, the pin GPIO27 will be I/OD pin, if set to 1 the pin GPIO17 is I/O pin. 6 EN_GP26_OBUF R/W VSB3V Enable GPIO26 drive high buffer. If this bit is set to 0, the pin GPIO26 will be I/OD pin, if set to 1 the pin GPIO26 is I/O pin. 5 EN_GP25_OBUF R/W VSB3V Enable GPIO25 drive high buffer. If this bit is set to 0, the pin GPIO25 will be I/OD pin, if set to 1 the pin GPIO25 is I/O pin. 4 EN_GP24_OBUF R/W VSB3V Enable GPIO24 drive high buffer. If this bit is set to 0, the pin GPIO24 will be I/OD pin, if set to 1 the pin GPIO24 is I/O pin. 3 EN_GP23_OBUF R/W VSB3V Enable GPIO23 drive high buffer. If this bit is set to 0, the pin GPIO23 will be I/OD pin, if set to 1 the pin GPIO23 is I/O pin. 2 EN_GP22_OBUF R/W VSB3V Enable GPIO22 drive high buffer. If this bit is set to 0, the pin GPIO22 will be I/OD pin, if set to 1 the pin GPIO22 is I/O pin. 1 EN_GP21_OBUF R/W VSB3V Enable GPIO21 drive high buffer. If this bit is set to 0, the pin GPIO21 will be I/OD pin, if set to 1 the pin GPIO21 is I/O pin. 0 EN_GP20_OBUF R/W VSB3V Enable GPIO20 drive high buffer. If this bit is set to 0, the pin GPIO20 will be I/OD pin, if set to 1 the pin GPIO20 is I/O pin. 7.35 GP2X Output Driving Enable – Index 0x2C Power-on default [7:0] =0000_0000b Bit Name R/W PWR Description 7 DB_TIME27_SEL R/W VSB3V Select GPIO27 input de-bounce time. If set to 1 de-bounce time is |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |