Electronic Components Datasheet Search
  English  ▼

X  

F75111N Datasheet(PDF) 35 Page - Feature Integration Technology Inc.

Part # F75111N
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111N Datasheet(HTML) 35 Page - Feature Integration Technology Inc.

Back Button F75111N Datasheet HTML 31Page - Feature Integration Technology Inc. F75111N Datasheet HTML 32Page - Feature Integration Technology Inc. F75111N Datasheet HTML 33Page - Feature Integration Technology Inc. F75111N Datasheet HTML 34Page - Feature Integration Technology Inc. F75111N Datasheet HTML 35Page - Feature Integration Technology Inc. F75111N Datasheet HTML 36Page - Feature Integration Technology Inc. F75111N Datasheet HTML 37Page - Feature Integration Technology Inc. F75111N Datasheet HTML 38Page - Feature Integration Technology Inc. F75111N Datasheet HTML 39Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
July, 2007
V0.27P
- 33 -
F75111
7.43 GPIO3x Level/Pulse Control Register – Index 43h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-4
Reserved
RO
VSB3V
Read back will be zero
3
GP33_OMODE
R/W
VSB3V
GPIO 33 output mode. 0 – level, 1 – pulse.
2
GP32_OMODE
R/W
VSB3V
GPIO 32 output mode. 0 – level, 1 – pulse.
1
GP31_OMODE
R/W
VSB3V
GPIO 31 output mode. 0 – level, 1 – pulse.
0
GP30_OMODE
R/W
VSB3V
GPIO 30 output mode. 0 – level, 1 – pulse.
7.44 GPIO3x Pulse Width Control Register – Index 44h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7:2
Reserved
R/W
VSB3V
Reserved. Read return 0.
1:0
GP3_PLSWD[1:0
]
R/W
VSB3V
GPIO3x pulse width. If set the GPIO3x to pulse mode, the pulse width
can be defined as follows.
00b – 500us (Default)
01b – 1ms
10b – 20ms
11b – 100ms
7.45 GPIO3x Input De-bounce Register – Index 46h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-4
Reserved
RO
VSB3V
Read back will be zero
3
GP33_ENDB
R/W
VSB3V
Enable GPIO33 input de-bounce with 7u or 25ms second that selected
by 0x4C bit3.
2
GP32_ENDB
R/W
VSB3V
Enable GPIO32 input de-bounce with 7u or 25ms second that selected
by 0x4C bit2.
1
GP31_ENDB
R/W
VSB3V
Enable GPIO31 input de-bounce with 7u or 25ms second that selected
by 0x4C bit1.
0
GP30_ENDB
R/W
VSB3V
Enable GPIO30 input de-bounce with 7u or 25ms second that selected
by 0x4C bit0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com