Electronic Components Datasheet Search
  English  ▼

X  

F75111N Datasheet(PDF) 40 Page - Feature Integration Technology Inc.

Part # F75111N
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111N Datasheet(HTML) 40 Page - Feature Integration Technology Inc.

Back Button F75111N Datasheet HTML 36Page - Feature Integration Technology Inc. F75111N Datasheet HTML 37Page - Feature Integration Technology Inc. F75111N Datasheet HTML 38Page - Feature Integration Technology Inc. F75111N Datasheet HTML 39Page - Feature Integration Technology Inc. F75111N Datasheet HTML 40Page - Feature Integration Technology Inc. F75111N Datasheet HTML 41Page - Feature Integration Technology Inc. F75111N Datasheet HTML 42Page - Feature Integration Technology Inc. F75111N Datasheet HTML 43Page - Feature Integration Technology Inc. F75111N Datasheet HTML 44Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
July, 2007
V0.27P
- 38 -
F75111
8.2 DC Characteristics, continued
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
CONDITIONS
OUT12t - TTL level output pin with source-sink capability of 12 mA
Output Low Current
IOL
12
16
mA
VOL = 0.4V
Output High Current
IOH
-14
-12
mA
VOH = 2.4V
OD8 - Open-drain output pin with sink capability of 8 mA
Output Low Current
IOL
6
8
mA
VOL = 0.4V
OD16 - Open-drain output pin with sink capability of 16 mA
Output Low Current
IOL
12
16
mA
VOL = 0.4V
I/OOD16ts - TTL level bi-directional pin, can select to OD or OUT by register, with 16 mA source-sink
capability
Input Low Threshold Voltage
Vt-
0.5
0.8
1.1
V
VDD = 3.3 V
Input High Threshold Voltage
Vt+
1.6
2.0
2.4
V
VDD = 3.3 V
Output Low Current
IOL
6
8
mA
VOL = 0.4 V
Output High Current
IOH
-16
-12
mA
VOH = 2.4V
Input High Leakage
ILIH
+2
µA
VIN = VDD
Input Low Leakage
ILIL
-2
µA
VIN = 0V
INt - TTL level input pin
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Input High Leakage
ILIH
+2
µA
VIN = VDD
Input Low Leakage
ILIL
-2
µA
VIN = 0 V
INts - TTL level Schmitt-triggered input pin
Input Low Threshold Voltage
Vt-
0.5
0.8
1.1
V
VDD = 3.3V
Input High Threshold Voltage
Vt+
1.6
2.0
2.4
V
VDD = 3.3V
Input High Leakage
ILIH
+2
µA
VIN = VDD
Input Low Leakage
ILIL
-2
µA
VIN = 0 V
Note: All parameters tested at specific temperature. Specifications over temperature are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com