Electronic Components Datasheet Search
  English  ▼

X  

F75387RG Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F75387RG
Description  짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75387RG Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F75387RG Datasheet HTML 5Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 6Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 7Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 8Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 9Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 10Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 11Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 12Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
July, 2007
0.27P
7
F75387
OVT#(Default)
OD12
Default open drain active-low output. This pin will be a logic LOW when the
temperature exceeds its limit. Default output enable when the temperature
exceeds 100
oC on initial.
GPIO3
INts5V/OD12
General purpose I/O function.
FAN_FAULT#
OD12
This pin will be a logic LOW when the fan speed is abnormal.
6
CLKIN
INts5V
24MHz/48MHz external clock input for chip operation source. When input
external clock, the fan speed count will be more accurate.
13
VREF
AOUT
Reference voltage 2.304V.
8
SDATA
INts5V/OD12
Serial bus data
7
SCLK
INts5V
Serial bus clock
6. Function Description
6.1.
General Description
F75387 is a system hardware monitoring and automatic fan speed controlling IC specific designed for graphic
cards and PC etc. An 11-bit analog-to-digital converter (ADC) was built inside F75387. The chip can monitor
up to 4 analog voltage inputs, 2 fan tachometer inputs and 3 temperature inputs (2 remote and 1 local sensor).
The remote temperature sensor can be performed by thermistor, transistor 2N3906 and CPU/GPU thermal
diode. The F75387 can provide automatic fan speed control so that the system can operate at the minimum
acoustic noise. This chip supports not only PWM duty mode (PWMOUT) but also linear mode (DACOUT) for
fan speed control. Also the users can set up the upper and lower limits (alarm thresholds) of all monitored
parameters and the F75387 can also issue warning messages for system protection when there is something
wrong with monitored items.
6.2.
Analog Inputs
For the 11-bit ADC has the 8mv LSB, the maximum input voltage of the analog pin is 2.048V. Therefore the
voltage under 2.048V (ex:1.5V) can be directly connected to these analog inputs. The voltage higher than 2.048V
should be reduced by a factor with external resistors so as to obtain the input range. Only 3Vcc is an exception for it is
main power of the F75387. Therefore 3Vcc can directly connect to this chip’s power pin and need no external resistors.
There are two functions in this pin with 3.3V. The first function is to supply internal analog power of the F75387 and the
second function is that this voltage with 3.3V is connected to internal serial resistors to monitor the +3.3V voltage. The
internal serial resistors are two 150K ohm, so that the internal reduced voltage is half of +3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com