Electronic Components Datasheet Search
  English  ▼

X  

F75387RG Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F75387RG
Description  짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75387RG Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75387RG Datasheet HTML 17Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 18Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 19Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 20Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 21Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 22Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 23Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 24Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
July, 2007
0.27P
19
F75387
This register is reset by ARA command.
1
EN_ARA_MODE
R/W
Enable SMBAlert.
0
START
R/W
Set one to enable startup of monitoring operations; a zero puts the part in
standby mode.
8.2.
Configuration Register
 Index 01h
Power on default <7:0> = 0x00_1100 b
Bit
Name
Attribute
Description
7
Reserved
-
Return 0 when read
6
FAN_FULL_DUTY
R/W
0: The PWM duty will be 60% during the keep full time.
1: The PWM duty will be 100% during the keep full time.
The mode is trappable. If the pull-up resistor of pin3 is 10k or none, the
default is 0 (60%). If the pull-up resistor of pin3 is 2.2k or 200k, the
default is 1(100%).
5
EN_V_FAULT_PIN2
R/W
0: The PIN2 will act as GPIO0/FANIN2 which is controlled by
PIN2_MODE register.(default)
1: The PIN2 will act as VOLT_FAULT#
4
EN_F_FAULT_PIN4
R/W
0: The PIN4 will act as GPIO1/PWMOUT2 which is controlled by
PIN4_MODE register.(default)
1: The PIN4 will act as FAN_FAULT#.
3
T2_MODE
R/W
0: VT2 is connected to a thermistor
1: VT2 is connected to a BJT(default)
2
T1_MODE
R/W
0: VT1 is connected to a thermistor
1: VT1 is connected to a BJT (default)
1
PIN4_MODE
R/W
Pin 4 mode select.
0: The PIN4 will act as GPIO1.(default)
1: The PIN4 will act as PWMOUT2.
0
PIN2_MODE
R/W
Pin 2 mode select.
0: The PIN2 will act as GPIO0.(default)
1: The PIN2 will act as FANIN2 input.
8.3.
Configuration Register
 Index 02h
Power on default <7:0> = 0000_0000 b
Bit
Name
Attribute
Description
7-6
PIN5_MODE
R/W
00: pin5 function is GPIO2.(default)
01: pin5 is used as SMI
10: pin5 is used as Fan fault function
11: LED out(1Hz/0.5Hz select by LED_FREQ register)
5
SMI_MODE
R/W
0: SMI will be level mode.(default)
1: SMI will be pulse mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com