Electronic Components Datasheet Search
  English  ▼

X  

F75387RG Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F75387RG
Description  짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75387RG Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F75387RG Datasheet HTML 9Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 10Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 11Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 12Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 13Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 14Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 15Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 16Page - Feature Integration Technology Inc. F75387RG Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
July, 2007
0.27P
11
F75387
6.8.
Monitor Temperature from thermal diode
Also, if the CPU, GPU or external circuits provide thermal diode for temperature measurement, the F75387 is
capable to these situations. The build-in reference table is for PNP 2N3906 transistor, and each different kind of
thermal diode should be matched with specific and BJT gain. In the Figure 6-1, the transistor is directly connected
into temperature pins. For detail, please refer to application circuit.
6.9.
ADC Noise Filtering
The ADC is integrating type with inherently good noise rejection. Micro-power operation places constraints on
high-frequency noise rejection; therefore, careful PCB board layout and suitable external filtering are required for
high-accuracy remote measurement in electronically noisy environment. High frequency EMI is best filtered at
CPU/GPU D+ and D-(connect to pin 9 GND) with an external 3300pF capacitor. Too high capacitance may introduce
errors due to the rise time of the switched current source. Nearly all noise sources tested cause the ADC
measurement to be higher than the actual temperature, depending on the frequency and amplitude.
6.10.
Over Temperature Signal (OVT#)
The F75387 can provide two external thermal sensors to detect temperature. Two types of OVT# are supported.
1. When monitored temperature exceeds the over-temperature threshold value, OVT# will be asserted until the
temperature goes below the hysteresis temperature.
THYST
To
OVT#
2. When monitored temperature is not in the target range for the queue time, OVT# will be asserted until the
temperature goes into the target range for the queue time.
Target High
OVT#
Target Low
Queue Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com